Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-260 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG-260
Description  Photointerrupters(Transmissive)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG-260 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG-260 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG-260 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
SG-260
Photointerrupters(Transmissive)
KODENSHI
Forward voltage
Input
Reverse current
Peak wavelength
Output
Collector dark current
Light current
Transmission
Leakage current
C-E saturation voltage
Rise time
Fall time
The SG–260 photointerrupter high– performance
standard type,combines high–output GaAs IRED with
high sensitive phototransistor.
FEATURES
•PWB direct mount type
•GAP :3.0mm
•Snap–in mount
•With the installation positioning boss
•Optical axis height from the mounting surface
:20.75mm
APPLICATIONS
•VTR
•Cassette mecha
DIMENSIONS
(Unit : mm)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=20mA
VR=5V
IF =20mA
VCE=10V
IF=20mA, VCE=5V,(
Non–shading)
IF=20mA, VCE=5V,(shading)
IF=20mA, IC=0.05mA
VCC=5V, IC=0.1mA,RL=1KΩ
Item
Typ.
1.2
940
1
0.5
0.15
50
50
VF
IR
λp
ICEO
Ic
ICEOD
VCE(sat)
tr
tf
0.5
1.4
10
100
5
10
0.4
V
μA
nm
nA
mA
μA
V
μsec.
μsec.
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
PD
IF
VR
IFP
PC
IC
VCEO
VECO
Topr.
Tstg.
Tsol.
75
50
5
0.5
75
20
30
5
-20~+85
-30~+100
260
mW
mA
V
A
mW
mA
V
V
Unit
(Ta=25℃)
*1. pulse width :tw≦100 μ
sec.period :T=10msec.
*2. No icebound or dew
*3. For MAX.5 seconds at the position of 1mm from the package
Power dissipation
Forward current
Reverse voltage
Pulse forward current
*1
Collector power dissipation
Collector current
C-E voltage
E-C voltage
Operating temp.*2
Storage temp.*2
Soldering temp.
*3
Input
Output


Similar Part No. - SG-260

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-264 KODENSHI-SG-264 Datasheet
261Kb / 2P
   Photointerrupters(Transmissive)
SG-266 KODENSHI-SG-266 Datasheet
337Kb / 2P
   Photointerrupters(Transmissive)
SG-267 KODENSHI-SG-267 Datasheet
265Kb / 2P
   Photointerrupters(Transmissive)
SG-268 KODENSHI-SG-268 Datasheet
264Kb / 2P
   Photointerrupters(Transmissive)
SG-269 KODENSHI-SG-269 Datasheet
258Kb / 2P
   Photointerrupters(Transmissive)
More results

Similar Description - SG-260

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG-205 KODENSHI-LG-205 Datasheet
183Kb / 2P
   Photointerrupters(Transmissive)
LG-206 KODENSHI-LG-206 Datasheet
189Kb / 2P
   Photointerrupters(Transmissive)
SG-205 KODENSHI-SG-205 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-226 KODENSHI-SG-226 Datasheet
249Kb / 2P
   Photointerrupters(Transmissive)
SG-233 KODENSHI-SG-233 Datasheet
258Kb / 2P
   Photointerrupters(Transmissive)
SG-244 KODENSHI-SG-244 Datasheet
263Kb / 2P
   Photointerrupters(Transmissive)
SG-248 KODENSHI-SG-248 Datasheet
260Kb / 2P
   Photointerrupters(Transmissive)
SG-256 KODENSHI-SG-256 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-258S KODENSHI-SG-258S Datasheet
276Kb / 2P
   Photointerrupters(Transmissive)
SG402 KODENSHI-SG402 Datasheet
224Kb / 2P
   Photointerrupters(Transmissive)
SG211V KODENSHI-SG211V Datasheet
257Kb / 2P
   Photointerrupters(Transmissive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com