Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV134UA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV134UA
Description  Audio-Balanced Line Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV134UA Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV134UA Datasheet HTML 6Page - Texas Instruments DRV134UA Datasheet HTML 7Page - Texas Instruments DRV134UA Datasheet HTML 8Page - Texas Instruments DRV134UA Datasheet HTML 9Page - Texas Instruments DRV134UA Datasheet HTML 10Page - Texas Instruments DRV134UA Datasheet HTML 11Page - Texas Instruments DRV134UA Datasheet HTML 12Page - Texas Instruments DRV134UA Datasheet HTML 13Page - Texas Instruments DRV134UA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Load Capacitance (pF)
10
1k
100
10k
40
30
20
10
0
100mV Step
DRV134, DRV135
SBOS094B – JANUARY 1998 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = ±18 V, RL = 600 Ω differential connected between +VO and –VO, unless otherwise noted.
Figure 23. Small-Signal Step Overshoot vs Load Capacitance
10
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: DRV134 DRV135


Similar Part No. - DRV134UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134UA BURR-BROWN-DRV134UA Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
DRV134UA BURR-BROWN-DRV134UA Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV134UA TI1-DRV134UA Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
logo
Burr-Brown (TI)
DRV134UA/1K BURR-BROWN-DRV134UA/1K Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV134UA/1K TI1-DRV134UA/1K Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
More results

Similar Description - DRV134UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com