Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4549B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM4549B
Description  Multi-Channel Audio Codec With Sample Rate Conversion
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4549B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4549B Datasheet HTML 2Page - Texas Instruments LM4549B Datasheet HTML 3Page - Texas Instruments LM4549B Datasheet HTML 4Page - Texas Instruments LM4549B Datasheet HTML 5Page - Texas Instruments LM4549B Datasheet HTML 6Page - Texas Instruments LM4549B Datasheet HTML 7Page - Texas Instruments LM4549B Datasheet HTML 8Page - Texas Instruments LM4549B Datasheet HTML 9Page - Texas Instruments LM4549B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LM4549B
SNAS598B – JULY 2012 – REVISED JULY 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Mono Input
This line level (1 Vrms nominal) mono input is mixed equally into both channels of the Stereo Mix
signal at MIX2 under the control of the PC_Beep Volume control register, 0Ah. The PC_BEEP level
can be muted or adjusted from 0 dB to -45 dB in 3 dB steps. The Stereo Mix signal feeds both the
PC_BEEP
12
I
Line Out and Line Level Out analog outputs and is also selectable at the Record Select Mux.
During Initialization or Cold Reset, (reset pin held active low), PC_BEEP is switched directly to both
channels of the Line Out stereo output, bypassing all volume controls. This allows signals such as
PC power-on self-test tones to be heard through the audio system of the PC before the codec
registers are configured.
Mono Input
This line level (1 Vrms nominal) mono input is selectable at the Record Select Mux for conversion
by either channel of the stereo ADC. It can also be mixed equally into both channels of the Stereo
PHONE
13
I
Mix signal at MIX2 under the control of the Phone Volume register, 0Ch. The PHONE level can be
muted or adjusted from +12 dB to -34.5 dB in 1.5-dB steps. The Stereo Mix signal feeds both the
Line Out and Line Level Out analog stereo outputs and is also selectable at the Record Select Mux.
Left Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the left channel of the stereo Record Select
Mux for conversion by the left channel ADC. It can also be mixed into the left channel of the Stereo
VIDEO_L
16
I
Mix 3D signal at MIX1 under the control of the Video Volume register, 14h. The VIDEO_L level can
be muted (along with VIDEO_R) or adjusted from +12 dB to -34.5 dB in 1.5-dB steps. Stereo Mix
3D is combined into the Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and
Line Level Out.
Right Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the right channel of the stereo Record Select
Mux for conversion by the right channel ADC. It can also be mixed into the right channel of the
VIDEO_R
17
I
Stereo Mix 3D signal at MIX1 under the control of the Video Volume register, 14h. The VIDEO_R
level can be muted (along with VIDEO_L) or adjusted from +12 dB to -34.5 dB in 1.5-dB steps.
Stereo Mix 3D is combined into the Stereo Mix signal at MIX2 for access to the stereo outputs Line
Out and Line Level Out.
DIGITAL I/O AND CLOCKING
AC Link clock
An OUTPUT when in Primary Codec mode. This pin provides a 12.288 MHz clock for the AC Link.
The clock is derived (internally divided by two) from the 24.576 MHz signal at the crystal input
BIT_CLK
6
I/O
(XTL_IN).
This pin is an INPUT when the codec is configured in any of the Secondary Codec modes and
would normally use the AC Link clock generated by a Primary Codec.
External Amplifier Power Down control signal
This output is set by the EAPD bit (bit D15) in the Powerdown Control/ Status register, 26h. As with
EAPD
47
O
the other logic outputs, the output voltage is set by DVDD. This pin is intended to be connected to
the shutdown pin on an external power amplifier. For normal operation the default value of EAPD =
0 will enable the external amplifier allowing an input on PC_BEEP to be heard during Cold Reset.
Codec Identity
ID1# and ID0# determine the Codec Identity for multiple codec use. The Codec Identity configures
the codec in either Primary or one of three Secondary Codec modes. These Identity pins are of
ID0#
45
I
inverted polarity relative to the Codec Identity bits ID1, ID0 (bits D15, D14) in the read-only
Extended Audio ID register, 28h. If the ID0# pin (pin 45) is connected to ground then the ID0 bit
(D14, reg 28h) will be set to “1”. Similarly, connection to DVDD will set the ID0 bit to “0”. If left open
(NC), ID0# is pulled high by an internal pull-up resistor.
Codec Identity
ID1# and ID0# determine the codec address for multiple codec use. The Codec Identity configures
the codec in either Primary or one of three Secondary Codec modes. These Identity pins are of
ID1#
46
I
inverted polarity relative to the Codec Identity bits ID1, ID0 (bits D15, D14) in the read-only
Extended Audio ID register, 28h. If the ID1# pin (pin 46) is connected to ground then the ID1 bit
(D15, reg 28h) will be set to “1”. Similarly, connection to DVDD will set the ID1 bit to “0”. If left open
(NC), ID1# is pulled high by an internal pull-up resistor.
Cold Reset
This active low signal causes a hardware reset which returns the control registers and all internal
circuits to their default conditions. RESET# MUST be used to initialize the LM4549B after Power On
RESET#
11
I
when the supplies have stabilized. Cold Reset also clears the codec from both ATE and Vendor
test modes. In addition, while active, it switches the PC_BEEP mono input directly to both channels
of the LINE_OUT stereo output.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM4549B


Similar Part No. - LM4549B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4549B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546B NSC-LM4546B Datasheet
908Kb / 27P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
   AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
National Semiconductor ...
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4450B TI1-LM4450B Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
logo
National Semiconductor ...
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com