Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48100Q-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM48100Q-Q1
Description  Audio Power Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48100Q-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM48100Q-Q1 Datasheet HTML 1Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 2Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 3Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 4Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 5Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 6Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 7Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 8Page - Texas Instruments LM48100Q-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
FAULT
SDA
SCL
I
2
CVDD
GND
ADR
OUTA
PGND
OUTB
PVDD
IN2
IN1
BIAS
VDD
LM48100Q-Q1
www.ti.com
SNAS470E – OCTOBER 2008 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
PWP Package
14-Pin HTSSOP with PowerPAD
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
FAULT
O
Open-Drain output fault flag. FAULT = 0 indicates that a fault condition has occurred.
2
SCL
I
I2C Clock Input
3
SDA
I/O
I2C Serial Data Input
4
I2CVDD
I2C Interface Power Supply
5
GND
Ground
I2C Address Bit. Connect to I2CVDD to set address bit, B1 = 1. Connect to GND to set address
6
ADR
I
bit B1 = 0
7
OUTA
O
Non-Inverting Audio Output
8
PGND
Power Ground
9
OUTB
O
Inverting Audio Output
10
PVDD
Output Amplifier Power Supply
11
IN2
I
Audio Input 2
12
IN1
I
Audio Input 1
13
BIAS
Bias Bypass
14
VDD
Power Supply
Exposed Pad
Exposed paddle. Connect to GND.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48100Q-Q1


Similar Part No. - LM48100Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q TI-LM48100Q Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
National Semiconductor ...
LM48100QMH NSC-LM48100QMH Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100QMH TI-LM48100QMH Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
National Semiconductor ...
LM48100QMHE NSC-LM48100QMHE Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
More results

Similar Description - LM48100Q-Q1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com