Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV135UAG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV135UAG4
Description  Audio-Balanced Line Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV135UAG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV135UAG4 Datasheet HTML 2Page - Texas Instruments DRV135UAG4 Datasheet HTML 3Page - Texas Instruments DRV135UAG4 Datasheet HTML 4Page - Texas Instruments DRV135UAG4 Datasheet HTML 5Page - Texas Instruments DRV135UAG4 Datasheet HTML 6Page - Texas Instruments DRV135UAG4 Datasheet HTML 7Page - Texas Instruments DRV135UAG4 Datasheet HTML 8Page - Texas Instruments DRV135UAG4 Datasheet HTML 9Page - Texas Instruments DRV135UAG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Frequency (Hz)
20
100
1k
10k
20k
0.1
0.01
0.001
0.0001
–V
O or +VO Grounded
A: R
1 = 600Ω (250 ft cable)
B: R
1 = ∞ (no cable)
Single-Ended Mode
V
O = 10Vrms
DRV134 Output
B
A
Frequency (Hz)
20
100
1k
10k
20k
0.01
0.001
0.0001
Differential Mode
V
O = 10Vrms
See Figure 3 for Test Circuit
A: R
1 = R2 = RL = ∞ (no load)
B: R
1 = R2 = ∞ RL = 600Ω
INA137 Output
A (no cable)
B (500ft cable)
Frequency (Hz)
20
100
1k
10k
20k
C
0.01
0.001
0.0001
See Figure 3 for Test Circuit
A: R
1 = R2 = RL =
(no load)
B: R
1 = R2 = 600Ω, RL = ∞
C: R
1 = R2 =
, R
L = 600Ω
Differential Mode
V
O = 10Vrms
No Cable
DRV134 Output
A
B
Frequency (Hz)
20
100
1k
10k
20k
0.01
0.001
0.0001
C
See Figure 3 for Test Circuit
A: R
1 = R2 = RL =
(no load)
B: R
1 = R2 = 600Ω, RL = ∞
C: R
1 = R2 =
, R
L = 600Ω
Differential Mode
V
O = 10Vrms
500 ft cable
DRV134 Output
B
A
DRV134, DRV135
SBOS094B – JANUARY 1998 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
At TA = +25°C, VS = ±18 V, RL = 600 Ω differential connected between +VO and –VO, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE RANGE
Specification Range
–40
85
°C
Operation Range
–55
125
°C
Storage Range
–55
125
°C
θJA
Thermal Resistance
8-Pin DIP
100
°C/W
SO-8 Surface mount
150
°C/W
SOL-16 Surface
80
°C/W
mount
7.5 Typical Characteristics
At TA = 25°C, VS = ±18 V, RL = 600 Ω differential connected between +VO and –VO, unless otherwise noted.
Figure 1. Total Harmonic Distortion + Noise vs Frequency
Figure 2. Total Harmonic Distortion + Noise vs Frequency
Figure 3. Total Harmonic Distortion + Noise
Figure 4. System Total Harmonic Distortion + Noise
vs Frequency
vs Frequency
6
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: DRV134 DRV135


Similar Part No. - DRV135UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
More results

Similar Description - DRV135UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com