Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV135UAG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV135UAG4
Description  Audio-Balanced Line Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV135UAG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV135UAG4 Datasheet HTML 3Page - Texas Instruments DRV135UAG4 Datasheet HTML 4Page - Texas Instruments DRV135UAG4 Datasheet HTML 5Page - Texas Instruments DRV135UAG4 Datasheet HTML 6Page - Texas Instruments DRV135UAG4 Datasheet HTML 7Page - Texas Instruments DRV135UAG4 Datasheet HTML 8Page - Texas Instruments DRV135UAG4 Datasheet HTML 9Page - Texas Instruments DRV135UAG4 Datasheet HTML 10Page - Texas Instruments DRV135UAG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10k
1k
100
10
Frequency (Hz)
1
10
100
1k
10k
100k
100
10
1
0.1
Frequency (Hz)
20
100
1k
20k
10k
0.01
0.001
0.0001
0.00001
Differential Mode
2nd Harmonic
3rd Harmonic
No Cable, R
L = ∞
500 ft Cable,
R
L = 600Ω
Frequency (Hz)
1k
10k
100k
10M
1M
10
5
0
–5
–10
Output Amplitude (dBu)
5
10
15
20
30
25
1
0.1
0.01
0.001
0.0001
No Cable
RL = ∞
500 ft Cable
RL = 600Ω
Single-Ended
Mode
f = 1kHz
DRV134 Output
Differential
Mode
500 ft Cable
RL = 600Ω
Output Amplitude (dBu)
5
10
15
20
30
25
1
0.1
0.01
0.001
0.0001
Differential Mode
No Cable
R
L = ∞
500 ft Cable
R
L = 600Ω
BW = 30kHz
DRV134, DRV135
www.ti.com
SBOS094B – JANUARY 1998 – REVISED DECEMBER 2014
Typical Characteristics (continued)
At TA = 25°C, VS = ±18 V, RL = 600 Ω differential connected between +VO and –VO, unless otherwise noted.
Figure 5. Headroom – Total Harmonic Distortion + Noise
Figure 6. Dim Intermodulation Distortion
vs Output Amplitude
vs Output Amplitude
Figure 7. Harmonic Distortion Products vs Frequency
Figure 8. Gain vs Frequency
Figure 9. Output Voltage Noise Spectral Density
Figure 10. Output Voltage Noise
vs Frequency
vs Noise Bandwidth
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV134 DRV135


Similar Part No. - DRV135UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
More results

Similar Description - DRV135UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com