Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48560 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48560
Description  Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48560 Datasheet(HTML) 1 Page - Texas Instruments

  LM48560_15 Datasheet HTML 1Page - Texas Instruments LM48560_15 Datasheet HTML 2Page - Texas Instruments LM48560_15 Datasheet HTML 3Page - Texas Instruments LM48560_15 Datasheet HTML 4Page - Texas Instruments LM48560_15 Datasheet HTML 5Page - Texas Instruments LM48560_15 Datasheet HTML 6Page - Texas Instruments LM48560_15 Datasheet HTML 7Page - Texas Instruments LM48560_15 Datasheet HTML 8Page - Texas Instruments LM48560_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MUX/
GAIN
STAGE
VDD
IN1+
IN1-
SGND
OUT+
OUT-
+2.7V to +5.5V
CS
CBST
BOOST
CONVERTER
ALC
SCL/GAIN
SW
PGND
VBST
L1
SHDN
D1
4.7 PH
1 PF
10:
I2C
INTERFACE
IN2+
IN2-
SDA/SEL
0.47 PF
CIN
CIN
CIN
CIN
SET
SW/HW
0.47 PF
0.47 PF
0.47 PF
RL
CL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker
Driver With Automatic Level Control
1 Features
3 Description
The
LM48560
device
is
a
high
voltage,
high
1
Class H Topology
efficiency, Class H driver for ceramic speakers and
Integrated Boost Converter
piezo actuators. The LM48560 device’s Class H
Bridge-Tied Load (BTL) Output
architecture
offers
significant
power
savings
compared to traditional Class AB amplifiers. The
Selectable Differential Inputs
device provides 30 VP-P output drive while consuming
Selectable Control Interfaces
just 4 mA of quiescent current from a 3.6 V supply.
(Hardware or Software mode)
The LM48560 device features TI’s unique automatic
I2C Programmable ALC
level control (ALC) that provides output limiter
Low Supply Current
functionality. The LM48560 device features two fully
differential inputs with separate gain settings, and a
Minimum External Components
selectable control interface. In software control mode,
Micro-Power Shutdown
the gain control and device modes are configured
Available in Space-Saving DSBGA Package
through the I2C interface. In hardware control mode,
Key Specifications:
the gain and input mux are configured through a pair
of logic inputs.
Output Voltage at VDD = 3.6 V,
RL = 1.5 μF + 10 Ω, THD+N ≤ 1%
The LM48560 device has a low power shutdown
mode that reduces quiescent current consumption to
30 VP-P (Typical)
0.1
μA. The LM48560 device is available in an ultra-
Quiescent Power Supply Current
small 16–bump DSBGA package (1.97 mm × 1.97
at 3.6 V (ALC Enabled)
mm).
4 mA (Typical)
Device Information(1)
Power Dissipation at 25 VP-P, 1 W (Typical)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Shutdown Current, 0.1
μA (Typical)
LM48560
DSBGA (16)
1.97 mm × 1.97 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Touch Screen Smart Phones
Tablet PCs
Typical Application Circuit
Portable Electronic Devices
MP3 Players
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM48560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
More results

Similar Description - LM48560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
Realtek Semiconductor C...
ALC269 REALTEK-ALC269_08 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
ALC269 REALTEK-ALC269_09 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com