Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1753DBQR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1753DBQR
Description  Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1753DBQR Datasheet(HTML) 5 Page - Texas Instruments

  PCM1753DBQR Datasheet HTML 1Page - Texas Instruments PCM1753DBQR Datasheet HTML 2Page - Texas Instruments PCM1753DBQR Datasheet HTML 3Page - Texas Instruments PCM1753DBQR Datasheet HTML 4Page - Texas Instruments PCM1753DBQR Datasheet HTML 5Page - Texas Instruments PCM1753DBQR Datasheet HTML 6Page - Texas Instruments PCM1753DBQR Datasheet HTML 7Page - Texas Instruments PCM1753DBQR Datasheet HTML 8Page - Texas Instruments PCM1753DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PCM1753, PCM1754, PCM1755
www.ti.com
SLES092D – APRIL 2010 – REVISED AUGUST 2015
7.5 Electrical Characteristics
All specifications at TA = 25°C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
fS
Sampling frequency
5
200
kHz
128 fS
192 fS
256 fS
System clock frequency
384 fS
kHz
512 fS
768 fS
1152 fS
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
Input logic level, high
2
VDC
VIL
Input logic level, low
0.8
VDC
Input logic current, high (SCK, BCK, DATA,
IIH
VIN = VCC
10
µA
and LRCK pins)
Input logic current, low (SCK, BCK, DATA,
IIL
VIN = 0 V
-10
µA
and LRCK pins)
Input logic current, high (TEST, DEMP,
IIH
VIN = VCC
65
100
µA
MUTE, and FMT pins)
Input logic current, low (TEST, DEMP,
IIL
VIN = 0 V
-10
µA
MUTE, and FMT pins)
VOH
Output logic level, high (ZEROA pin)
IOH = -1 mA
2.4
VDC
VOL
Output logic level, low (ZEROA pin)
IOL = 1 mA
0.4
VDC
DYNAMIC PERFORMANCE(1)(2)
fS = 44.1 kHz
0%
0.01%
THD+N at VOUT = 0 dB
fS = 96 kHz
0%
fS = 192 kHz
0%
fS = 44.1 kHz
0.65%
THD+N at VOUT = -60 dB
fS = 96 kHz
0.80%
fS = 192 kHz
0.95%
EIAJ, A-weighted, fS = 44.1 kHz
100
106
Dynamic range
A-weighted, fS = 96 kHz
104
dB
A-weighted, fS = 192 kHz
102
EIAJ, A-weighted, fS = 44.1 kHz
100
106
Signal-to-noise ratio
A-weighted, fS = 96 kHz
104
dB
A-weighted, fS = 192 kHz
102
fS = 44.1 kHz
97
103
Channel separation
fS = 96 kHz
101
dB
fS = 192 kHz
100
Level linearity error
VOUT = -90 dB
±0.5
dB
DC ACCURACY
% of
Gain error
±1
±6
FSR
% of
Gain mismatch, channel-to-channel
±1
±3
FSR
Bipolar zero error
VOUT = 0.5 VCC at BPZ
±30
±60
mV
(1)
Analog performance specifications are measured using the System Two™ Cascade audio measurement system by Audio Precision™ in
the averaging mode.
(2)
Conditions in 192-kHz operation are system clock = 128 fS and oversampling rate = 64 fS of register 18.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCM1753 PCM1754 PCM1755


Similar Part No. - PCM1753DBQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1753DBQR BURR-BROWN-PCM1753DBQR Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1753DBQR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com