Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1754TDBQRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1754TDBQRQ1
Description  Audio Digital-to-Analog Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1754TDBQRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1754TDBQRQ1 Datasheet HTML 1Page - Texas Instruments PCM1754TDBQRQ1 Datasheet HTML 2Page - Texas Instruments PCM1754TDBQRQ1 Datasheet HTML 3Page - Texas Instruments PCM1754TDBQRQ1 Datasheet HTML 4Page - Texas Instruments PCM1754TDBQRQ1 Datasheet HTML 5Page - Texas Instruments PCM1754TDBQRQ1 Datasheet HTML 6Page - Texas Instruments PCM1754TDBQRQ1 Datasheet HTML 7Page - Texas Instruments PCM1754TDBQRQ1 Datasheet HTML 8Page - Texas Instruments PCM1754TDBQRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
SCK
FMT
MUTE
DEMP
TEST
ZEROA
V
COM
15
14
13
12
11
10
DATA
LRCK
DGND
NC
V
CC
V
L
OUT
1
2
3
4
5
6
7
8
16
9
BCK
AGND
V
R
OUT
PCM1753-Q1, PCM1754-Q1
SLES254D – APRIL 2010 – REVISED JULY 2015
www.ti.com
PCM1754-Q1 DBQ Package
16-Pin SSOP
Top View
Pin Functions—PCM1754-Q1
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
9
Analog ground
BCK
1
I
Audio–data bit–clock input
DATA
2
I
Audio–data digital input
DEMP
13
I
De–emphasis control(1)
DGND
4
Digital ground
FMT
15
I
Data format select(1)
LRCK
3
I
L–channel and R–channel audio data latch enable input
MUTE
14
I
Analog mixing control(1)
NC
5
No connection
SCK
16
I
System clock input
TEST
12
I
Test pin. Ground or open(1)
VCC
6
Analog power supply, 5 V
VCOM
10
Common voltage decoupling
VOUTL
7
O
Analog output for the L–channel
VOUTR
8
O
Analog output for the R–channel
ZEROA
11
O
Zero flag output for the L-channel and R-channel
(1)
Schmitt-trigger input with internal pulldown
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: PCM1753-Q1 PCM1754-Q1


Similar Part No. - PCM1754TDBQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1754TDBQRQ1 TI1-PCM1754TDBQRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1754TDBQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1780 TI1-PCM1780_15 Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748 TI1-PCM1748_15 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com