Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1794A-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1794A-Q1
Description  Audio Stereo Digital-to-Analog Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1794A-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1794A-Q1 Datasheet HTML 2Page - Texas Instruments PCM1794A-Q1 Datasheet HTML 3Page - Texas Instruments PCM1794A-Q1 Datasheet HTML 4Page - Texas Instruments PCM1794A-Q1 Datasheet HTML 5Page - Texas Instruments PCM1794A-Q1 Datasheet HTML 6Page - Texas Instruments PCM1794A-Q1 Datasheet HTML 7Page - Texas Instruments PCM1794A-Q1 Datasheet HTML 8Page - Texas Instruments PCM1794A-Q1 Datasheet HTML 9Page - Texas Instruments PCM1794A-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PCM1794A-Q1
SLES276A – NOVEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit
data, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EIAJ, A-weighted, fS = 44.1 kHz
123
127
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
127
dB
EIAJ, A-weighted, fS = 192 kHz
127
fS = 44.1 kHz
120
123
Channel separation
fS = 96 kHz
122
dB
fS = 192 kHz
120
Level linearity error
VOUT = –120 dB
±1
dB
DYNAMIC PERFORMANCE (4.5-V RMS Output)(1)(3)
fS = 44.1 kHz
0.0004%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0008%
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
129
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
129
dB
EIAJ, A-weighted, fS = 192 kHz
129
EIAJ, A-weighted, fS = 44.1 kHz
129
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
129
dB
EIAJ, A-weighted, fS = 192 kHz
129
fS = 44.1 kHz
124
Channel separation
fS = 96 kHz
123
dB
fS = 192 kHz
121
DYNAMIC PERFORMANCE (MONO MODE)(1)(3)
fS = 44.1 kHz
0.0004%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0008%
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
132
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
132
dB
EIAJ, A-weighted, fS = 192 kHz
132
EIAJ, A-weighted, fS = 44.1 kHz
132
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
132
dB
EIAJ, A-weighted, fS = 192 kHz
132
ANALOG OUTPUT
Gain error
–6
±2
6
% of FSR
Gain mismatch, channel-to-channel
–3
±0.5
3
% of FSR
Bipolar zero error
At BPZ
–2
±0.5
2
% of FSR
Output current
Full scale (0 dB)
7.8
mA p-p
Center current
At BPZ
–6.2
mA
DIGITAL FILTER PERFORMANCE
De-emphasis error
±0.004
dB
FILTER CHARACTERISTICS-1: SHARP ROLLOFF
±0.00001 dB
0.454 fS
Pass band
–3 dB
0.49 fS
Stop band
0.546 fS
Pass-band ripple
±0.00001
dB
Stop-band attenuation
Stop band = 0.546 fS
–130
dB
Delay time
55/fS
s
FILTER CHARACTERISTICS-2: SLOW ROLLOFF
±0.04 dB
0.254 fS
Pass band
–3 dB
0.46 fS
(3)
Dynamic performance and dc accuracy are specified at the output of the postamplifier as shown in Figure 26.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PCM1794A-Q1


Similar Part No. - PCM1794A-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1794ADB BURR-BROWN-PCM1794ADB Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
PCM1794ADB TI1-PCM1794ADB Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1794ADBG4 BURR-BROWN-PCM1794ADBG4 Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results

Similar Description - PCM1794A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com