Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1798DBG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1798DBG4
Description  Audio Stereo Digital-to-Analog Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1798DBG4 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1798DBG4 Datasheet HTML 1Page - Texas Instruments PCM1798DBG4 Datasheet HTML 2Page - Texas Instruments PCM1798DBG4 Datasheet HTML 3Page - Texas Instruments PCM1798DBG4 Datasheet HTML 4Page - Texas Instruments PCM1798DBG4 Datasheet HTML 5Page - Texas Instruments PCM1798DBG4 Datasheet HTML 6Page - Texas Instruments PCM1798DBG4 Datasheet HTML 7Page - Texas Instruments PCM1798DBG4 Datasheet HTML 8Page - Texas Instruments PCM1798DBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
MONO
CHSL
DEM
LRCK
DATA
BCK
SCK
DGND
VDD
MUTE
FMT0
FMT1
ZERO
RST
VCC2L
AGND3L
I
L–
OUT
I
L+
OUT
AGND2
VCC1
V
L
COM
V
R
COM
IREF
AGND1
I
R–
OUT
I
R+
OUT
AGND3R
VCC2R
PCM1798
www.ti.com
SLES102B – DECEMBER 2003 – REVISED MARCH 2015
5 Pin Configuration and Functions
DB Package
28-Lead SSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND1
19
Analog ground (internal bias)
AGND2
24
Analog ground (internal bias)
AGND3L
27
Analog ground (L-channel DACFF)
AGND3R
16
Analog ground (R-channel DACFF)
BCK
6
Input
Bit clock input(1)
CHSL
2
Input
L-, R-channel select(1)
DATA
5
Input
Serial audio data input(1)
DEM
3
Input
De-emphasis enable(1)
DGND
8
Digital ground
FMT0
11
Input
Audio data format select(1)
FMT1
12
Input
Audio data format select(1)
IOUTL+
25
Output
L-channel analog current output +
IOUTL–
26
Output
L-channel analog current output –
IOUTR+
17
Output
R-channel analog current output +
IOUTR–
18
Output
R-channel analog current output –
IREF
20
Output current reference bias pin
LRCK
4
Input
Left and right clock (fS) input
(1)
MONO
1
Input
Monaural mode enable(1)
MUTE
10
Input
Mute control(1)
RST
14
Input
Reset(1)
SCK
7
Input
System clock input(1)
VCC1
23
Analog power supply, 5 V
VCC2L
28
Analog power supply (L-channel DACFF), 5 V
VCC2R
15
Analog power supply (R-cahnnel DACFF), 5 V
VCOML
22
L-channel internal bias decoupling pin
VCOMR
21
R-channel internal bias decoupling pin
VDD
9
Digital power supply, 3.3 V
ZERO
13
Output
Zero flag
(1)
Schmitt-trigger input, 5-V tolerant
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCM1798


Similar Part No. - PCM1798DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1798DB TI-PCM1798DB Datasheet
246Kb / 25P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1798DBR TI-PCM1798DBR Datasheet
246Kb / 25P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results

Similar Description - PCM1798DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com