Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-402 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG-402
Description  Photointerrupters(Actuator type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG-402 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG-402 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG-402 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
SG-402
Photointerrupters(Actuator type)
KODENSHI
The SG-402 actuator type photointerrupter combined
GaAs IRED, high sensitive phototransistor and
actuator, is ideal for copiers, facsimiles.
FEATURES
•Widely applicable
•Compact & light
•Wide choice of levers
APPLICATIONS
•Copiers
•Facsimiles
•Printers
•Banking machines
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
PD
VR
IF
IFP
PC
IC
VCEO
VECO
Topr.
Tstg.
100
5
60
1
100
40
30
5
-20~+70
-30~+85
mW
V
mA
A
mW
mA
V
V
Unit
(Ta=25℃)
*1.tw 100μ
sec. period:T=10msec.
*2. No icebound or dew
Power dissipation
Forward current
Reverse voltage
Pulse forward current *1
Collector power dissipation
Collector current
Collector-Emitter voltage
Emitter-Collector voltage
Operating temp.
*2
Storage temp.*2
Input
Output
Forward voltage
Reverse current
Collector dark current
Ligh current
C-E saturation voltage
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=30mA
VR=5V
VCE=10V
VCE=5V,IF=20mA
IF=20mA,IC=0.3mA
Item
Typ.
1.2
5
1.5
VF
IR
ICEO
IL
VCE(sat)
0.5
1.5
10
100
0.4
V
μA
nA
mA
V
Symbol
Conditions
Min.
Max.
Unit.
Input
Output
Static point θ
1
Open point θ
2
Movement torque
Shock endurance
MECHANICAL CHARACTERISTICS
7
34.1
10
13
1.5
packing status
Min 30G
deg.
deg.
gf/cm
-
Item
Conditions Min.Typ.Max.Unit.
Vibration endurance
Mechanical life time
10~55~10Hz/Min
Vibration Axis 1.5mm
X,Y,Z Each Direction
Min 106 times
-
-
Item
Conditions Min.Typ.Max.Unit.


Similar Part No. - SG-402

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-405 KODENSHI-SG-405 Datasheet
192Kb / 2P
   Photointerrupters(Actuator type)
SG-405 KODENSHI-SG-405_09 Datasheet
432Kb / 2P
   Photointerrupters(Actuator type)
More results

Similar Description - SG-402

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG-413 KODENSHI-LG-413 Datasheet
186Kb / 2P
   Photointerrupters(Actuator type)
SG-405 KODENSHI-SG-405_09 Datasheet
432Kb / 2P
   Photointerrupters(Actuator type)
SG-405 KODENSHI-SG-405 Datasheet
192Kb / 2P
   Photointerrupters(Actuator type)
logo
Rohm
RPI-441C1E ROHM-RPI-441C1E Datasheet
321Kb / 6P
   Transmission type Photointerrupters Eco-Friendry type
2017.03 - Rev.B
RPI-0352E ROHM-RPI-0352E Datasheet
336Kb / 6P
   Transmission type Photointerrupters Eco-Friendly type
logo
KODENSHI_AUK CORP.
SG222V2 KODENSHI-SG222V2 Datasheet
124Kb / 2P
   Photointerrupters
logo
OSRAM GmbH
SFH300 OSRAM-SFH300 Datasheet
444Kb / 9P
   Photointerrupters
logo
Gilway Technical Lamp
EA31 GILWAY-EA31 Datasheet
428Kb / 1P
   Photointerrupters
logo
KODENSHI_AUK CORP.
SG105F KODENSHI-SG105F Datasheet
88Kb / 2P
   PHOTOINTERRUPTERS
SG105 KODENSHI-SG105 Datasheet
84Kb / 2P
   PHOTOINTERRUPTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com