Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KP48 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 30KP48
Description  30kW TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

30KP48 Datasheet(HTML) 2 Page - Digitron Semiconductors

  30KP48 Datasheet HTML 1Page - Digitron Semiconductors 30KP48 Datasheet HTML 2Page - Digitron Semiconductors 30KP48 Datasheet HTML 3Page - Digitron Semiconductors 30KP48 Datasheet HTML 4Page - Digitron Semiconductors 30KP48 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High-reliability discrete products
and engineering services since 1977
30KP22-30KP400
30kWTRANSIENTVOLTAGESUPPRESSOR
Rev. 20131216
Breakdown voltage
V(BR) @ I(BR)
Rated standoff
voltage
VWM
V(BR)
I(BR)
Maximum
clamping @ IPP
10/1000µs
VC
Maximum
reverse leakage
@ VWM
ID
Maximum peak
pulse current
IPP
Maximum V(BR)
temperature
coefficient
αVZ
Volts
Part number
Volts
Min
Max
mA
Volts
µAmps
Amps
mV/°C
30KP45A
45
50.0
55.3
5
73.0
150
410
52
30KP48
48
53.3
65.1
5
85.9
150
350
62
30KP48A
48
53.3
58.9
5
77.7
150
386
56
30KP51
51
56.7
69.3
5
91.5
50
328
66
30KP51A
51
56.7
62.7
5
82.8
50
362
60
30KP54
54
60.0
73.3
5
96.8
25
310
70
30KP54A
54
60.0
66.3
5
87.5
25
342
63
30KP58
58
64.4
78.7
5
104.0
15
288
76
30KP58A
58
64.4
71.2
5
94.0
15
320
68
30KP60
60
66.7
81.5
5
107.0
15
280
78
30KP60A
60
66.7
73.7
5
97.3
15
304
71
30KP64
64
71.1
86.9
5
115.0
10
260
84
30KP64A
64
71.1
78.6
5
104.0
10
288
76
30KP70
70
77.8
95.1
5
126.0
10
238
92
30KP70A
70
77.8
86.0
5
114.0
10
264
83
30KP75
75
83.3
102.0
5
135.0
10
222
100
30KP75A
75
83.3
92.1
5
122.0
10
246
89
30KP78
78
86.7
106.0
5
140.0
10
214
104
30KP78A
78
86.7
95.8
5
126.0
10
238
93
30KP85
85
94.4
115.0
5
152.0
10
198
113
30KP85A
85
94.4
104.0
5
137.0
10
218
102
30KP90
90
100.0
122.0
5
160.0
10
188
120
30KP90A
90
100.0
111.0
5
146.0
10
206
109
30KP100
100
111.0
136.0
5
179.0
10
168
134
30KP100A
100
111.0
123.0
5
162.0
10
186
121
30KP110
110
122.0
149.0
5
196.0
10
154
147
30KP110A
110
122.0
135.0
5
178.0
10
168
133
30KP120
120
133.0
163.0
5
214.0
10
140
161
30KP120A
120
133.0
147.0
5
193.0
10
156
145
30KP130
130
144.0
176.0
5
231.0
10
130
174
30KP130A
130
144.0
159.0
5
209.0
10
142
157
30KP150
150
167.0
204.0
5
268.0
10
112
202
30KP150A
150
167.0
185.0
5
243.0
10
124
183
30KP160
160
178.0
218.0
5
287.0
10
104
216
30KP160A
160
178.0
197.0
5
259.0
10
116
195
30KP170
170
189.0
231.0
5
304.0
10
98
229
30KP170A
170
189.0
209.0
5
275.0
10
110
207


Similar Part No. - 30KP48

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
30KP48 MICROSEMI-30KP48 Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KP48

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP70CA MICROSEMI-30KP70CA Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
30KPA28A TAITRON-30KPA28A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
Microsemi Corporation
PLAD30KP10 MICROSEMI-PLAD30KP10 Datasheet
275Kb / 5P
   30kW Surface Mount Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com