Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1345B Datasheet(PDF) 10 Page - ams AG

Part # AS1345B
Description  18V, High Efficiency, DC-DC Step-Up Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345B Datasheet(HTML) 10 Page - ams AG

Back Button AS1345B Datasheet HTML 6Page - ams AG AS1345B Datasheet HTML 7Page - ams AG AS1345B Datasheet HTML 8Page - ams AG AS1345B Datasheet HTML 9Page - ams AG AS1345B Datasheet HTML 10Page - ams AG AS1345B Datasheet HTML 11Page - ams AG AS1345B Datasheet HTML 12Page - ams AG AS1345B Datasheet HTML 13Page - ams AG AS1345B Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AS1345 – 10
ams Datasheet, Confidential: 2013-Nov [1-51]
T y pical Oper ating Char ac t e ristic s
Figure 10:
Efficiency vs. IOUT; VIN = 4.5V, ILIMIT = 100mA
Figure 11:
Efficiency vs. IOUT; VIN = 4.5V, ILIMIT = 500mA
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
- 40°C
+ 25°C
+ 85°C
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current (mA)
- 40°C
+ 25°C
+ 85°C


Similar Part No. - AS1345B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
1Mb / 16P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
1Mb / 16P
   50V, Micropower, DC-DC Boost Converter
AS1340A-BTDT-10 AMSCO-AS1340A-BTDT-10 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
More results

Similar Description - AS1345B

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
   18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com