Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3435-EQFP Datasheet(PDF) 9 Page - ams AG

Part # AS3435-EQFP
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435-EQFP Datasheet(HTML) 9 Page - ams AG

Back Button AS3435-EQFP Datasheet HTML 5Page - ams AG AS3435-EQFP Datasheet HTML 6Page - ams AG AS3435-EQFP Datasheet HTML 7Page - ams AG AS3435-EQFP Datasheet HTML 8Page - ams AG AS3435-EQFP Datasheet HTML 9Page - ams AG AS3435-EQFP Datasheet HTML 10Page - ams AG AS3435-EQFP Datasheet HTML 11Page - ams AG AS3435-EQFP Datasheet HTML 12Page - ams AG AS3435-EQFP Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 9
El ec trical Charac t e ristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
VBAT = 1.0V to 1.8V, TA = -20ºC to +85ºC. Typical values are at
VBAT = 1.5V, TA = +25ºC, unless otherwise specified.
Figure 7:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TA
Ambient
Temperature Range
-20
+85
°C
Supply Voltages
GND
Reference Ground
0
0
V
VBAT
Battery Supply
Voltage
Normal operation
1.0
1.8
V
Two wire interface operation
1.4
1.8
V
VNEG
Charge Pump
Voltage
-1.8
-0.7
V
VDELTA
Difference of Ground
Supplies
GND, AGND
To achieve good performance, the
negative supply terminals should be
connected to a low impedance ground
plane.
-0.1
0.1
V
Other pins
VMICS
Microphone Supply
Voltage
MICS
0
3.7
V
VANALOG
Analog Pins
MICACL, MICACR,LINR, LINL, MIXL,
MIXR, HPR, HPL, QMICL, QMICR, QLINL,
QLINR, IOPx, QOPx, BPL, BPR
VNEG
VBAT
V
VCONTROL
Control Pins
MODE/CSCL, ANC/CSDA
VNEG
3.7
V
VLED
ILED current source
ILED
VNEG
VBAT
V
VCP
Charge Pump pins
CPN, CPP
VNEG
VBAT
V
VTRIM
Application Trim Pins
TRSCL and TRSDA
VNEG
-0.3
or
-1.8
VBAT
+0.5
or 1.8
V
VMIC
Microphone Inputs
MICL and MICR
VNEG
VBAT
V
Ileak
Leakage current
VBAT<0.8V
20
μA
VBAT<0.6V
10
μA
Electrical Characteristics


Similar Part No. - AS3435-EQFP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3430 AMSCO-AS3430 Datasheet
198Kb / 3P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430 AMSCO-AS3430 Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430 AMSCO-AS3430 Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430-EK-ST AMSCO-AS3430-EK-ST Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
More results

Similar Description - AS3435-EQFP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
   Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11136 AVAGO-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11236 BOARDCOM-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com