Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-1CL3 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SP-1CL3
Description  Photo diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SP-1CL3 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SP-1CL3 Datasheet HTML 1Page - KODENSHI_AUK CORP. SP-1CL3 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
SP-1CL3・SP-1CL3R2
Photo diodes
KODENSHI
The SP-1CL3 is a high-sensitivity photodiode
mounted in a 3ø low-cost ceramic package. The SP-
1CL3R2 photodiode, with daylight filter, is available in
the same package.
FEATURES
•Compact (ø3mm)
•Wide angular response
•Low-cost
APPLICATIONS
•Optical counters
•Floppy disc drives
•Encoders
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Operating temp.
Storage temp.
Soldering temp.
*1
VR
Topr.
Tstg.
Tsol.
20
-25~+90
-30~+100
260
V
Unit
(Ta=25℃)
*1. For MAX.5 seconds at the position of 2 mm from the package
*2. Color temp.=2856K standard Tungsten lamp
5
0.55
0.5
Open circuit voltage
Short circuit current
Dark current
Curve factor
Capacitance
Temperature coefficient of VOC
Temperature coefficient of ISC
Spectral sensitivity
Peak wavelength
Half angle
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
EV=1,000lx
*2
V=0V, f=1MHz
SP-1CL3 SP-CL3R2
VR=5V VR=1V
Item
Typ.
Typ.
VOC
ISC
Id
C.F.
Ct
αt
βt
λ
λp
Δθ
8
0.55
450~1,050
700~1,050
0.4
15
50
-2.2
0.18
900
±50
0.4
15
50
-2.2
0.18
920
±50
1
V
μA
μA
-
pF
mV/℃
%/℃
nm
nm
deg.
Symbol
Conditions
Min.
SP-1CL3
SP-1CL3R2
Min.
Max.
Max.
Unit.


Similar Part No. - SP-1CL3

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SP-1CL3R2 KODENSHI-SP-1CL3R2 Datasheet
273Kb / 2P
   Photo diodes
More results

Similar Description - SP-1CL3

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HP-2MLR KODENSHI-HP-2MLR Datasheet
187Kb / 2P
   Photo diodes
HP-5FR2 KODENSHI-HP-5FR2 Datasheet
206Kb / 2P
   Photo diodes
HP5FR2 KODENSHI-HP5FR2 Datasheet
198Kb / 2P
   Photo diodes
SP-1CL3R2 KODENSHI-SP-1CL3R2 Datasheet
273Kb / 2P
   Photo diodes
HP-3MLR2 KODENSHI-HP-3MLR2 Datasheet
205Kb / 2P
   Photo diodes
HP-2FR4 KODENSHI-HP-2FR4 Datasheet
194Kb / 2P
   Photo diodes
HP-304 KODENSHI-HP-304 Datasheet
189Kb / 2P
   Photo diodes
HP3MLHP3 KODENSHI-HP3MLHP3 Datasheet
205Kb / 2P
   Photo diodes
HP-2ML KODENSHI-HP-2ML Datasheet
188Kb / 2P
   Photo diodes
HP-5FR4 KODENSHI-HP-5FR4 Datasheet
193Kb / 2P
   Photo diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com