Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3693B-ZQFT Datasheet(PDF) 8 Page - ams AG

Part # AS3693B-ZQFT
Description  16 Channel high precision LED driver for LCD Backlight
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B-ZQFT Datasheet(HTML) 8 Page - ams AG

Back Button AS3693B-ZQFT Datasheet HTML 4Page - ams AG AS3693B-ZQFT Datasheet HTML 5Page - ams AG AS3693B-ZQFT Datasheet HTML 6Page - ams AG AS3693B-ZQFT Datasheet HTML 7Page - ams AG AS3693B-ZQFT Datasheet HTML 8Page - ams AG AS3693B-ZQFT Datasheet HTML 9Page - ams AG AS3693B-ZQFT Datasheet HTML 10Page - ams AG AS3693B-ZQFT Datasheet HTML 11Page - ams AG AS3693B-ZQFT Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
7 - 32
Symbol
Parameter
Min
Typ
Max
Unit
Note
th_SCLCS
Hold time SCL, CS
15
ns
SPI interface mode
tBUF
Bus free time between
Stop and Start conditions
1.3
us
I2C interface mode
Tsetupstart
Setup time for repeated
Start condition
100
ns
I2C interface mode
Tholdstart
Hold time for repeated
Start condition
160
ns
I2C interface mode
Tsetupstop
Setup time for
Stop condition
160
ns
I2C interface mode
Table 5 – Digital output pins characteristics (SDO)
Symbol
Parameter
Min
Typ
Max
Unit
Note
VOH
High Level Output voltage
2.4
2.5
V
VOL
Low Level Output voltage
-0.3
0.4
V


Similar Part No. - AS3693B-ZQFT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693B1 AMSCO-AS3693B1 Datasheet
4Mb / 34P
   16 Channel high precision LED driver for LCD Backlight
AS3693B1-ZLQT AMSCO-AS3693B1-ZLQT Datasheet
4Mb / 34P
   16 Channel high precision LED driver for LCD Backlight
AS3693B1-ZMFT AMSCO-AS3693B1-ZMFT Datasheet
4Mb / 34P
   16 Channel high precision LED driver for LCD Backlight
More results

Similar Description - AS3693B-ZQFT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693A AMSCO-AS3693A Datasheet
71Kb / 3P
   16 channel high precision LED driver for LCD backlight
AS3693B1 AMSCO-AS3693B1 Datasheet
4Mb / 34P
   16 Channel high precision LED driver for LCD Backlight
AS3693C-ZTQT AMSCO-AS3693C-ZTQT Datasheet
1Mb / 30P
   AS3693C?? Channel high precision LED driver for LCD Backlight
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
AS3695C AMSCO-AS3695C Datasheet
2Mb / 40P
   16 channel white LED controller for LCD backlight
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
   16-Channel White LED Controller for LCD Backlight
logo
ams AG
AS3694 AMSCO-AS3694 Datasheet
72Kb / 3P
   12 channel high precision LED driver for LCD backlight and 3 DCDC Step Up controller
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Interpion semiconductor
DIT8545 INTERPION-DIT8545 Datasheet
188Kb / 8P
   Ceratrans Driver for LCD Backlight
logo
Allegro MicroSystems
A8507 ALLEGRO-A8507 Datasheet
600Kb / 16P
   LED Backlight Driver for LCD Monitors and Televisions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com