Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5410 Datasheet(PDF) 8 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 8 Page - ams AG

Back Button AS5410 Datasheet HTML 4Page - ams AG AS5410 Datasheet HTML 5Page - ams AG AS5410 Datasheet HTML 6Page - ams AG AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG AS5410 Datasheet HTML 10Page - ams AG AS5410 Datasheet HTML 11Page - ams AG AS5410 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Page 8
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Electrical Characteristics
Operating Conditions
Operating conditions: operating temperature = -40°C to 105°C,
VDD = 3.0-3.6V unless otherwise noted.
Figure 7:
Electrical Characteristics
System Performance Specifications
Operating conditions: magnet placement as specified in
Figure 2, operating temperature = -40°C to 105°C,
VDD = 3.0V to 3.6V, unless otherwise noted.
Figure 8:
System Parameters
Note(s) and/or Footnote(s):
1. Minimum condition is valid if both input components are above 5mT.
2. Maximum value of 1 sigma (static variation). Sensitivity variation absolute from part to part. Better performance can be reached
with linearization step at end of line.
3. Over temperature. Value in % (1 sigma).
4. Configurable in register 000Bh.
Symbol
Parameter
Min
Typ
Max
Unit
Note
VDD
Positive supply voltage
3.0
3.3
3.6
V
Isupp
Supply current
15
mA
Active operation,
continuous mode
T AMB
Operating ambient temperature
-40
105
°C
-40°F to 221°F
twu
Wake up time
2
ms
From cold start
twlp
200
μs
From standby; see
Single Loop Mode
Symbol
Parameter
Min
Typ
Max
Unit
Note
BIR_x
Magnetic Range X
±5 (1)
±60
mT
BIR_z
Magnetic Range Z
±5 (1)
±50
mT
Svar_x
Sensitivity Variation absolute X
±1.85(2)
%
Svar_z
Sensitivity Variation absolute Z
±1.05(2)
%
dSx/dSz
Sensitivity Ratio Drift X/Z
±1.00(3)
%
TS0
Sampling rate configuration 0(4)
11.08
ms
TS1
Sampling rate configuration 1(4)
22.15
ms


Similar Part No. - AS5410

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
AS5403A-HTSM AMSCO-AS5403A-HTSM Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
AS5403A-HTST AMSCO-AS5403A-HTST Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
AS5403D-HTSM AMSCO-AS5403D-HTSM Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
AS5403D-HTST AMSCO-AS5403D-HTST Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
More results

Similar Description - AS5410

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
logo
List of Unclassifed Man...
49E ETC2-49E Datasheet
512Kb / 4P
   49E Hall-Effect Linear Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
   Position Programmable Linear Hall Effect Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
   Linear Position Sensor in Hall Effect Technology
Revision: 27-Mar-15
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
MLX90333 MELEXIS-MLX90333 Datasheet
822Kb / 38P
   Triaxis 3D-Joystick Position Sensor
logo
List of Unclassifed Man...
MLX90333 ETC2-MLX90333 Datasheet
822Kb / 38P
   Triaxis 3D-Joystick Position Sensor
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
Texas Instruments
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com