Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3168APAP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAP
Description  Audio Codec
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAP Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 4Page - Texas Instruments PCM3168APAP Datasheet HTML 5Page - Texas Instruments PCM3168APAP Datasheet HTML 6Page - Texas Instruments PCM3168APAP Datasheet HTML 7Page - Texas Instruments PCM3168APAP Datasheet HTML 8Page - Texas Instruments PCM3168APAP Datasheet HTML 9Page - Texas Instruments PCM3168APAP Datasheet HTML 10Page - Texas Instruments PCM3168APAP Datasheet HTML 11Page - Texas Instruments PCM3168APAP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
8.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VCC
Analog supply voltage
4.5
5.0
5.5
V
VDD
Digital supply voltage
3.0
3.3
3.6
V
Digital Interface
LVTTL compatible
Sampling frequency, LRCKAD/LRCKDA(1)
8
96/192(1)
kHz
Digital input clock frequency
System clock frequency, SCKI
2.048
36.864
MHz
Single-ended
1
VRMS
VI
Analog input level
Differential
2
VRMS
VO
Analog output voltage
Differential
8
VPP
To AC-coupled GND
5
k
VOLR
Analog output load resistance
To DC-coupled GND
15
k
VOLC
Analog output load capacitance
50
pF
DOLC
Digital output load capacitance
20
pF
Operating free-air
TA
PCM3168A Consumer grade
–40
25
85
°C
temperature
(1)
192 kHz is supported only for DAC.
8.4 Thermal Information
PCM3168A
THERMAL METRIC(1)
PAP (HTQFP)
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance
26.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
7.7
°C/W
RθJB
Junction-to-board thermal resistance
8.9
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
8.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A


Similar Part No. - PCM3168APAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168APAP TI-PCM3168APAP Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168APAPR TI-PCM3168APAPR Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168APAPRG4 TI-PCM3168APAPRG4 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
More results

Similar Description - PCM3168APAP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
   Audio CODEC
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
   Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
   Audio Codec
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
   Audio software codec
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com