Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5242RHBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5242RHBT
Description  Audio Stereo Differential-Output DAC
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5242RHBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM5242RHBT Datasheet HTML 6Page - Texas Instruments PCM5242RHBT Datasheet HTML 7Page - Texas Instruments PCM5242RHBT Datasheet HTML 8Page - Texas Instruments PCM5242RHBT Datasheet HTML 9Page - Texas Instruments PCM5242RHBT Datasheet HTML 10Page - Texas Instruments PCM5242RHBT Datasheet HTML 11Page - Texas Instruments PCM5242RHBT Datasheet HTML 12Page - Texas Instruments PCM5242RHBT Datasheet HTML 13Page - Texas Instruments PCM5242RHBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
PCM5242
SLASE12A – JULY 2014 – REVISED OCTOBER 2014
www.ti.com
Electrical Characteristics (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Requirements
DVDD
Digital supply voltage
Target DVDD = 1.8V
1.65
1.8
1.95
VDC
DVDD
Digital supply voltage
Target DVDD = 3.3V
3.0
3.3
3.6
VDC
AVDD
Analog supply voltage
3.0
3.3
3.6
VDC
CPVDD
Charge-pump supply voltage
3.0
3.3
3.6
VDC
fS = 48kHz, Input is Bipolar Zero data
11
14
IDD
DVDD supply current at 1.8V
fS = 96kHz, Input is Bipolar Zero data
12
mA
fS = 192kHz, Input is Bipolar Zero data
14
fS = 48kHz, Input is 1kHz -1dBFS data
11
14
IDD
DVDD supply current at 1.8V
fS = 96kHz, Input is 1kHz -1dBFS data
12
mA
fS = 192kHz, Input is 1kHz -1dBFS data
14
IDD
DVDD supply current at 1.8V
(4)
fS = N/A, Power Down Mode
0.3
0.6
mA
fS = 48kHz, Input is Bipolar Zero data
12
15
IDD
DVDD supply current at 3.3V
fS = 96kHz, Input is Bipolar Zero data
13
mA
fS = 192kHz, Input is Bipolar Zero data
15
fS = 48kHz, Input is 1kHz -1dBFS data
12
15
IDD
DVDD supply current at 3.3V
fS = 96kHz, Input is 1kHz -1dBFS data
13
mA
fS = 192kHz, Input is 1kHz -1dBFS data
15
IDD
DVDD supply current at 3.3V
(4)
fS = N/A, Power Down Mode
0.5
0.8
mA
fS = 48kHz, Input is Bipolar Zero data
11
16
ICC
AVDD + CPVDD Supply Current
fS = 96kHz, Input is Bipolar Zero data
11
mA
fS = 192kHz, Input is Bipolar Zero data
11
fS = 48kHz, Input is 1kHz -1dBFS data
24
32
ICC
AVDD + CPVDD Supply Current
fS = 96kHz, Input is 1kHz -1dBFS data
24
mA
fS = 192kHz, Input is 1kHz -1dBFS data
24
ICC
AVDD + CPVDD Supply Current
(4)
fS = N/A, Power Down Mode
0.2
0.4
mA
fS = 48kHz, Input is Bipolar Zero data
59.4
78
Power Dissipation, DVDD = 1.8V
fS = 96kHz, Input is Bipolar Zero data
61.2
mW
fS = 192kHz, Input is Bipolar Zero data
64.8
fS = 48kHz, Input is 1kHz -1dBFS data
99
130.8
Power Dissipation, DVDD = 1.8V
fS = 96kHz, Input is 1kHz -1dBFS data
100.8
mW
fS = 192kHz, Input is 1kHz -1dBFS data
104.4
Power Dissipation, DVDD = 1.8V
(4)
fS = N/A, Power Down Mode
1.2
mW
fS = 48kHz, Input is Bipolar Zero data
79.2
103
Power Dissipation, DVDD = 3.3V
fS = 96kHz, Input is Bipolar Zero data
82.5
mW
fS = 192kHz, Input is Bipolar Zero data
89.1
fS = 48kHz, Input is 1kHz -1dBFS data
118.8
155
Power Dissipation, DVDD = 3.3V
fS = 96kHz, Input is 1kHz -1dBFS data
122.1
mW
fS = 192kHz, Input is 1kHz -1dBFS data
128.7
Power Dissipation, DVDD = 3.3V
(4)
fS = N/A, Power Down Mode
2.3
4.0
mW
(4)
Power Down Mode, with LRCK, BCK, and SCK halted at Low level.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM5242


Similar Part No. - PCM5242RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
More results

Similar Description - PCM5242RHBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
   Stereo Audio DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com