Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM9211PT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211PT
Description  Digital Audio Interface Transceiver
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211PT Datasheet(HTML) 2 Page - Texas Instruments

  PCM9211PT Datasheet HTML 1Page - Texas Instruments PCM9211PT Datasheet HTML 2Page - Texas Instruments PCM9211PT Datasheet HTML 3Page - Texas Instruments PCM9211PT Datasheet HTML 4Page - Texas Instruments PCM9211PT Datasheet HTML 5Page - Texas Instruments PCM9211PT Datasheet HTML 6Page - Texas Instruments PCM9211PT Datasheet HTML 7Page - Texas Instruments PCM9211PT Datasheet HTML 8Page - Texas Instruments PCM9211PT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 125 page
background image
PCM9211
SBAS495A – JUNE 2010 – REVISED JANUARY 2016
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 16
1
Features .................................................................. 1
8.3
Feature Description................................................. 17
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 49
3
Description ............................................................. 1
8.5
Register Maps ......................................................... 56
4
Revision History..................................................... 2
9
Application and Implementation ...................... 114
5
Pin Configuration and Functions ......................... 3
9.1
Application Information.......................................... 114
6
Specifications......................................................... 5
9.2
Typical Application ................................................ 116
6.1
Absolute Maximum Ratings ..................................... 5
10
Power Supply Recommendations ................... 117
6.2
ESD Ratings.............................................................. 5
11
Layout................................................................. 117
6.3
Recommended Operating Conditions...................... 5
11.1
Layout Guidelines ............................................... 117
6.4
Thermal Information .................................................. 6
11.2
Layout Example .................................................. 118
6.5
Electrical Characteristics: General........................... 6
12
Device Comparison Table ................................ 119
6.6
Electrical Characteristics: Analog-to-Digital
Converter (ADC) ........................................................ 8
13
Device and Documentation Support ............... 120
6.7
Electrical Characteristics: Digital Audio I/F Receiver
13.1
Documentation Support ...................................... 120
(DIR)........................................................................... 9
13.2
Community Resources........................................ 120
6.8
Timing Requirements .............................................. 10
13.3
Trademarks ......................................................... 120
6.9
Typical Characteristics ............................................ 12
13.4
Electrostatic Discharge Caution .......................... 120
7
Parameter Measurement Information ................ 13
13.5
Glossary .............................................................. 120
8
Detailed Description ............................................ 15
14
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 15
Information ......................................................... 120
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (June 2010) to Revision A
Page
Added Device Information table, ESD Rating table, Parameter Measurement Information section, Feature
Description, Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout,
Device and Documentation Support, and Mechanical, Packaging, and Orderable Information sections .............................. 1
2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Product Folder Links: PCM9211


Similar Part No. - PCM9211PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211PT TI1-PCM9211PT Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PCM9211PTR TI1-PCM9211PTR Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
More results

Similar Description - PCM9211PT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX)
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
   HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com