Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM9211PTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211PTR
Description  Digital Audio Interface Transceiver
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211PTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM9211PTR Datasheet HTML 7Page - Texas Instruments PCM9211PTR Datasheet HTML 8Page - Texas Instruments PCM9211PTR Datasheet HTML 9Page - Texas Instruments PCM9211PTR Datasheet HTML 10Page - Texas Instruments PCM9211PTR Datasheet HTML 11Page - Texas Instruments PCM9211PTR Datasheet HTML 12Page - Texas Instruments PCM9211PTR Datasheet HTML 13Page - Texas Instruments PCM9211PTR Datasheet HTML 14Page - Texas Instruments PCM9211PTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
PCM9211
www.ti.com
SBAS495A – JUNE 2010 – REVISED JANUARY 2016
Timing Requirements (continued)
MIN
NOM
MAX
UNIT
CONTROL INTERFACE, SCL AND SDA, STANDARD MODE, Figure 44
fSCL
SCL clock frequency
100
kHz
tBUF
Bus free time between STOP and START condition
4.7
µs
tLOW
Low period of the SCL clock
4.7
µs
tHI
High period of the SCL clock
4
µs
tS-SU
Setup time for START/Repeated START condition
4.7
µs
tS-HD
Hold time for START/Repeated START condition
4
µs
tD-SU
Data setup time
250
ns
tD-HD
Data hold time
0
3450
ns
tSCL-R
Rise time of SCL signal
1000
ns
tSCL-F
Fall time of SCL signal
1000
ns
tSDA-R
Rise time of SDA signal
1000
ns
tSDA-F
Fall time of SDA signal
1000
ns
tP-SU
Setup time for STOP condition
4
µs
tGW
Allowable glitch width
NA
ns
CB
Capacitive load for SDA and SCL line
400
pF
VNH
Noise margin at High level for each connected device (including hysteresis)
0.2 × VDD
V
VNL
Noise margin at Low level for each connected device (including hysteresis)
0.1 × VDD
V
VHYS
Hysteresis of Schmitt-trigger input
NA
V
CONTROL INTERFACE, SCL AND SDA, FAST MODE, Figure 44
fSCL
SCL clock frequency
400
tBUF
Bus free time between STOP and START condition
1.3
tLOW
Low period of the SCL clock
1.3
tHI
High period of the SCL clock
0.6
tS-SU
Setup time for START/Repeated START condition
0.6
tS-HD
Hold time for START/Repeated START condition
0.6
tD-SU
Data setup time
100
tD-HD
Data hold time
0
900
tSCL-R
Rise time of SCL signal
20 + 0.1 CB
300
tSCL-F
Fall time of SCL signal
20 + 0.1 CB
300
tSDA-R
Rise time of SDA signal
20 + 0.1 CB
300
tSDA-F
Fall time of SDA signal
20 + 0.1 CB
300
tP-SU
Setup time for STOP condition
0.6
tGW
Allowable glitch width
50
CB
Capacitive load for SDA and SCL line
100
VNH
Noise margin at High level for each connected device (including hysteresis)
0.2 × VDD
VNL
Noise margin at Low level for each connected device (including hysteresis)
0.1 × VDD
VHYS
Hysteresis of Schmitt-trigger input
0.05 × VDD
Copyright © 2010–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCM9211


Similar Part No. - PCM9211PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211PTR TI1-PCM9211PTR Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
More results

Similar Description - PCM9211PTR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX)
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
   HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com