Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA2311P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2311P
Description  Stereo Audio Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2311P Datasheet(HTML) 11 Page - Texas Instruments

Back Button PGA2311P Datasheet HTML 7Page - Texas Instruments PGA2311P Datasheet HTML 8Page - Texas Instruments PGA2311P Datasheet HTML 9Page - Texas Instruments PGA2311P Datasheet HTML 10Page - Texas Instruments PGA2311P Datasheet HTML 11Page - Texas Instruments PGA2311P Datasheet HTML 12Page - Texas Instruments PGA2311P Datasheet HTML 13Page - Texas Instruments PGA2311P Datasheet HTML 14Page - Texas Instruments PGA2311P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PGA2311
www.ti.com
SBOS218B – DECEMBER 2001 – REVISED JANUARY 2016
Feature Description (continued)
This results in a gain range of +31.5 dB (with N = 255) to
−95.5 dB (with N = 1).
Changes in gain setting may be made with or without zero crossing detection. The operation of the zero crossing
detector and timeout circuitry is discussed in Zero Crossing Detection.
7.3.3 Daisy-Chaining Multiple PGA2311 Devices
To reduce the number of control signals required to support multiple PGA2311 devices on a printed-circuit-board,
the serial control port supports daisy-chaining of multiple PGA2311 devices. Figure 12 shows the connection
requirements for daisy-chain operation. This arrangement allows a 3-wire serial interface to control many
PGA2311 devices.
As shown in Figure 12, the SDO pin from PGA2311 #1 is connected to the SDI input of PGA2311 #2, and is
repeated for additional devices. This in turn forms a large shift register, in which gain data may be written for all
PGA2311s connected to the serial bus. The length of the shift register is 16 × N bits, where N is equal to the
number of PGA2311 devices included in the chain. The CS input must remain LOW for 16 × N SCLK periods,
where N is the number of devices connected in the chain, to allow enough SCLK cycles to load all devices.
Figure 12. Daisy-Chaining Multiple PGA2311 Devices
7.3.4 Zero Crossing Detection
The PGA2311 includes a zero crossing detection function for noise-free level transitions. The concept is to
change gain settings on a zero crossing of the input signal, thus minimizing audible glitches. This function is
enabled or disabled using the ZCEN input (pin 1). When ZCEN is LOW, zero crossing detection is disabled.
When ZCEN is HIGH, zero crossing detection is enabled.
The zero crossing detection takes effect with a change in gain setting for a corresponding channel. The new gain
setting is not implemented until either positive slope zero crossing is detected, or a time-out period of 16 ms has
elapsed. In the case of a time-out, the new gain setting takes effect with no attempt to minimize audible artifacts.
Copyright © 2001–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PGA2311


Similar Part No. - PGA2311P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311P TI-PGA2311P Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311P BURR-BROWN-PGA2311P Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311PA TI-PGA2311PA Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311PA BURR-BROWN-PGA2311PA Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
PGA2311PAG4 BURR-BROWN-PGA2311PAG4 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
More results

Similar Description - PGA2311P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com