Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5100A-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5100A-Q1
Description  Audio Stereo DAC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5100A-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM5100A-Q1 Datasheet HTML 3Page - Texas Instruments PCM5100A-Q1 Datasheet HTML 4Page - Texas Instruments PCM5100A-Q1 Datasheet HTML 5Page - Texas Instruments PCM5100A-Q1 Datasheet HTML 6Page - Texas Instruments PCM5100A-Q1 Datasheet HTML 7Page - Texas Instruments PCM5100A-Q1 Datasheet HTML 8Page - Texas Instruments PCM5100A-Q1 Datasheet HTML 9Page - Texas Instruments PCM5100A-Q1 Datasheet HTML 10Page - Texas Instruments PCM5100A-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
8.5 Electrical Characteristics
Q1 Automotive grade devices are specified for TA = –40°C to 125°C. Consumer grade (non-Q1) devices are specified at TA =
25°C. All devices in the family are characterized with AVDD = CPVDD = DVD = 3.3 V, fS = 48 kHz, system clock = 512 fS and
24-bit data unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
24
32
Bits
Data Format (PCM Mode)
Audio data bit length
16
24
32
Bits
fS
(1)
Sampling frequency
8
384
kHz
Clock multiples: 64, 128, 192, 256, 384,
fSCK
System clock frequency
512, 768, 1024, 1152, 1536, 2048, or
50
MHz
3072
Digital Input/Output for non-Q1 Consumer Grade Devices
Logic family: 3.3 V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –4 mA
0.8×DVDD
Output logic level
V
VOL
IOL = 4 mA
0.22×DVDD
Logic family 1.8 V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
0.8×DVDD
Output logic level
V
VOL
IOL = 2 mA
0.22×DVDD
Digital Input/Output for Q1 Automotive Grade Devices
Logic family: 3.3 V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –4 mA
0.8×DVDD
Output logic level
V
VOL
IOL = 4 mA
0.22×DVDD
Logic family 1.8 V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
0.8×DVDD
Output logic level
V
VOL
IOL = 2 mA
0.3×DVDD
(1)
One sample time is defined as the reciprocal of the sampling frequency. 1tS = 1/fS
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1


Similar Part No. - PCM5100A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100A TI-PCM5100A Datasheet
1Mb / 35P
[Old version datasheet]   Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
PCM5100APW TI1-PCM5100APW Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100APW TI1-PCM5100APW Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100APWR TI-PCM5100APWR Datasheet
1Mb / 35P
[Old version datasheet]   Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
More results

Similar Description - PCM5100A-Q1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
   Stereo Audio DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
logo
Texas Instruments
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com