Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2555 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2555
Description  Class-D Mono Audio Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2555 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS2555 Datasheet HTML 2Page - Texas Instruments TAS2555 Datasheet HTML 3Page - Texas Instruments TAS2555 Datasheet HTML 4Page - Texas Instruments TAS2555 Datasheet HTML 5Page - Texas Instruments TAS2555 Datasheet HTML 6Page - Texas Instruments TAS2555 Datasheet HTML 7Page - Texas Instruments TAS2555 Datasheet HTML 8Page - Texas Instruments TAS2555 Datasheet HTML 9Page - Texas Instruments TAS2555 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
42X (
)
0.245
(0.5) TYP
(0.5) TYP
(
)
METAL
0.245
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.245
0.05 MIN
(1.307)
4222036/A 04/2015
DSBGA - 0.625 mm max height
YZ0042-C01
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
TAS2555YZ
SYMM
PKG
LAND PATTERN EXAMPLE
SCALE:20X
A
B
C
D
1
2
3
4
5
E
F
G
6
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED


Similar Part No. - TAS2555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
More results

Similar Description - TAS2555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
   20W Mono Class D Audio Amplifier
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
   3W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com