Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5421-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5421-Q1
Description  Mono Automotive Digital-Audio Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5421-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5421-Q1 Datasheet HTML 3Page - Texas Instruments TAS5421-Q1 Datasheet HTML 4Page - Texas Instruments TAS5421-Q1 Datasheet HTML 5Page - Texas Instruments TAS5421-Q1 Datasheet HTML 6Page - Texas Instruments TAS5421-Q1 Datasheet HTML 7Page - Texas Instruments TAS5421-Q1 Datasheet HTML 8Page - Texas Instruments TAS5421-Q1 Datasheet HTML 9Page - Texas Instruments TAS5421-Q1 Datasheet HTML 10Page - Texas Instruments TAS5421-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
SCL
SDA
t
h(2)
t
(buf)
t
su(2)
t
su(3)
Start
Condition
Stop
Condition
T0028-02
SCL
SDA
t
w(H)
t
w(L)
t
r
t
f
t
su(1)
t
h(1)
T0027-03
TAS5421-Q1
www.ti.com
SLOS814C – MARCH 2014 – REVISED JANUARY 2015
6.6 Timing Requirements for I
2C Interface Signals
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
f(SCL)
SCL clock frequency
400
kHz
tr
Rise time for both SDA and SCL signals
300
ns
tf
Fall time for both SDA and SCL signals
300
ns
tw(H)
SCL pulse duration, high
0.6
μs
tw(L)
SCL pulse duration, low
1.3
μs
tsu(2)
Setup time for START condition
0.6
μs
th(2)
START condition hold time before generation of first clock pulse
0.6
μs
tsu(1)
Data setup time
100
ns
th(1)
Data hold time
0(1)
ns
tsu(3)
Setup time for STOP condition
0.6
μs
C(B)
Load capacitance for each bus line
400
pF
(1)
A device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of
SCL.
Figure 1. SCL and SDA Timing
Figure 2. Timing for Start and Stop Conditions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5421-Q1


Similar Part No. - TAS5421-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5421-Q1 TI-TAS5421-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TAS5421-Q1 22-W Mono Automotive Digital-Audio Amplifier With Load Dump and I2C Diagnostics
More results

Similar Description - TAS5421-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
Elite Semiconductor Mem...
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
   2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC4158 FUMAN-TC4158 Datasheet
245Kb / 8P
   5W Mono Digital Audio Power Amplifier IC
TC6805 FUMAN-TC6805 Datasheet
266Kb / 8P
   5W Mono Digital Audio Power Amplifier IC
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TAS5722L TI1-TAS5722L Datasheet
304Kb / 13P
[Old version datasheet]   TAS5722L Digital Input Mono Class-D Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
   2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
logo
List of Unclassifed Man...
MP7782 ETC1-MP7782 Datasheet
1Mb / 8P
   Mono Bridged Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com