Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-402 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # AL-402
Description  Infrared Emitting Diodes(GaAlAs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

AL-402 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  AL-402 Datasheet HTML 1Page - KODENSHI_AUK CORP. AL-402 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 2-
AL-402
Infrared Emitting Diodes(GaAlAs)
Power dissipation Vs.
Ambient temperature
Radiant intensity Vs.
Forward current
Relative radiant intensity Vs.
Ambient temperature
Relative intensity Vs.
Wavelength
Forward current Vs.
Forward voltage
Radiant Pattern
Relative radiant intensity Vs.
Distance


Similar Part No. - AL-402

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
AL-4.5W-K FUJITSU-AL-4.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
AL-4.5W-K LITEON-AL-4.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results

Similar Description - AL-402

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTE1261 PERKINELMER-VTE1261 Datasheet
40Kb / 2P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-205 KODENSHI-CL-205 Datasheet
182Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
logo
PerkinElmer Optoelectro...
VTE3373LA PERKINELMER-VTE3373LA Datasheet
29Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281F PERKINELMER-VTE1281F Datasheet
24Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281W-1 PERKINELMER-VTE1281W-1 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1285 PERKINELMER-VTE1285 Datasheet
27Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1291W-1 PERKINELMER-VTE1291W-1 Datasheet
33Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE7172 PERKINELMER-VTE7172 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
logo
Hitachi Semiconductor
HE8807SG HITACHI-HE8807SG Datasheet
25Kb / 5P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-1KL3 KODENSHI-CL-1KL3 Datasheet
201Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
CL-203 KODENSHI-CL-203 Datasheet
200Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com