Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F861KG103M310C Datasheet(PDF) 1 Page - Kemet Corporation

Part # F861KG103M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861KG103M310C Datasheet(HTML) 1 Page - Kemet Corporation

  F861KG103M310C Datasheet HTML 1Page - Kemet Corporation F861KG103M310C Datasheet HTML 2Page - Kemet Corporation F861KG103M310C Datasheet HTML 3Page - Kemet Corporation F861KG103M310C Datasheet HTML 4Page - Kemet Corporation F861KG103M310C Datasheet HTML 5Page - Kemet Corporation F861KG103M310C Datasheet HTML 6Page - Kemet Corporation F861KG103M310C Datasheet HTML 7Page - Kemet Corporation F861KG103M310C Datasheet HTML 8Page - Kemet Corporation F861KG103M310C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015
1
One world. One KEMET
Benefits
• Approvals: ENEC, UL, cUL, CQC
• Rated voltage: 310 VAC 50/60 Hz
• Capacitance range: 0.01 – 4.7 µF
• Lead spacing: 7.5 – 37.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category: 40/110/56, IEC 60068–1
• Tape and reel in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof-40˚Cto+110˚C
• 100% screening factory test at 1,900 VDC
Overview
TheF861Seriesisconstructedofmetallizedpolypropylenefilm
encapsulated with self-extinguishing resin in a box of material
meeting the requirements of UL 94 V–0.
Applications
For use as electromagnetic interference (EMI) noise suppression
inacross-the-lineapplicationsrequiringX2safetyclassification
according to IEC 60384-14. Not for use in "series with mains" and
asACPowerfilteringtypeapplications.
AC Line EMI Suppression and RC Networks
F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Part Number System
F
861
B
C
104
M
310
C
Capacitor Class
Series
Lead Spacing (mm)
Size Code
Capacitance Code
(pF)
Capacitance
Tolerance
Voltage (VAC)
Packaging
F = Film
X2, Metallized
Polypropylene
K = 7.5
A = 10
B = 15
D = 22.5
F = 27.5
R = 37.5
See Dimension
Table
First two digits
represent
significant
figures.Third
digitspecifies
number of zeros.
K = ±10%
M = ±20%
310
See Ordering
Options Table
Ordering Options Table
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
7.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
C
Bulk (Bag) – Long Leads
17+0/-1
A
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
L
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
20+5/-0
ALL0L
Ammo Pack
H
0= 18.5+/-0.5
R
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - F861KG103M310C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F861KG103K310A KEMET-F861KG103K310A Datasheet
56Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.01 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 7.5mm
More results

Similar Description - F861KG103M310C

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
logo
jb Capacitors Company
JFV JBCAPACITORS-JFV_18 Datasheet
247Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFV JBCAPACITORS-JFV_16 Datasheet
243Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFZ JBCAPACITORS-JFZ_16 Datasheet
254Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
logo
Suntan Capacitors
TS08 SUNTAN-TS08 Datasheet
324Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com