Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5558DCA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5558DCA
Description  8-Channel HD Compatible Audio Processor
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5558DCA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5558DCA Datasheet HTML 6Page - Texas Instruments TAS5558DCA Datasheet HTML 7Page - Texas Instruments TAS5558DCA Datasheet HTML 8Page - Texas Instruments TAS5558DCA Datasheet HTML 9Page - Texas Instruments TAS5558DCA Datasheet HTML 10Page - Texas Instruments TAS5558DCA Datasheet HTML 11Page - Texas Instruments TAS5558DCA Datasheet HTML 12Page - Texas Instruments TAS5558DCA Datasheet HTML 13Page - Texas Instruments TAS5558DCA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 121 page
background image
t(buf)
SCL
SDA
START Condition
STOP Condition
th2
tsu3
tsu2
TAS5558
SLES273B – APRIL 2013 – REVISED APRIL 2015
www.ti.com
6.16
Volume Control
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Individual volume, master volume, or a
Maximum attenuation before mute
–127
dB
combination of both
Maximum gain
Individual volume, master volume
18
dB
Maximum volume before the onset of clipping
0-dB input, any modulation limit
0
dB
PSVC range
PSVC enabled
12, 18, or 24
dB
PSVC rate
fS
PSVC modulation
Single sided
PSVC quantization
2048
Steps
6%
95%
PSVC PWM modulation limits
PSVC range = 24 dB
dB
(120 : 2048)
(1944 : 2048)
Figure 1. SCL and SDA Timing
Figure 2. START and STOP Conditions Timing
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5558


Similar Part No. - TAS5558DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5558DCA TI-TAS5558DCA Datasheet
1Mb / 122P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558DCAR TI-TAS5558DCAR Datasheet
1Mb / 122P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
More results

Similar Description - TAS5558DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5548 TI1-TAS5548 Datasheet
1Mb / 116P
[Old version datasheet]   8-Channel HD Compatible Audio Processor
TAS5548 TI-TAS5548 Datasheet
1Mb / 120P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558 Datasheet
1Mb / 122P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548 TI-TAS5548_15 Datasheet
1Mb / 116P
[Old version datasheet]   TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558_15 Datasheet
1Mb / 121P
[Old version datasheet]   TAS5558 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
logo
ON Semiconductor
B300AM ONSEMI-B300AM Datasheet
153Kb / 9P
   Audio Processor for AfterMaster HD
March, 2015 ??Rev. 0
B300W35A109A1G ONSEMI-B300W35A109A1G Datasheet
153Kb / 9P
   Audio Processor for AfterMaster HD
March, 2015 ??Rev. 0
logo
Texas Instruments
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com