Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC-GP30 Datasheet(PDF) 8 Page - ams AG

Part # TDC-GP30
Description  Ultrasonic-Flow-Converter
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP30 Datasheet(HTML) 8 Page - ams AG

Back Button TDC-GP30 Datasheet HTML 4Page - ams AG TDC-GP30 Datasheet HTML 5Page - ams AG TDC-GP30 Datasheet HTML 6Page - ams AG TDC-GP30 Datasheet HTML 7Page - ams AG TDC-GP30 Datasheet HTML 8Page - ams AG TDC-GP30 Datasheet HTML 9Page - ams AG TDC-GP30 Datasheet HTML 10Page - ams AG TDC-GP30 Datasheet HTML 11Page - ams AG TDC-GP30 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
TDC-GP30 Vol. 1
DB_GP30Y_Vol1_en.docx V0.0
www.acam.de
1-3
1 Overview
TDC-GP30 is the next generation
in acam’s development for ultrasonic flow converters. The objectives of
the TDC-GP30 development are as follows:
Easy-to-adapt two-chip solution for ultrasonic heat and water meters (GP30 + simple µP)
Single-chip solution for many industrial applications or pure flow meter parts
All flow and temperature calculations are done by GP30
External µP needed only for interfaces (e.g. LCD, wireless, etc.) and other general-purpose tasks
Integrated standard pulse interface enables one-to-one replacement of mechanical meters by
GP30 based single-chip heat and water meters
– customer uP and software remains unchanged.
All in all, the TDC-GP30 is the next step in ultrasonic flow metering. It drastically simplifies the
design of ultrasonic heat and water meters and is the necessary step for compact energy-saving
ultrasonic water meters. The ultra-low-current capabilities allow the use of standard 2/3 AA or AA
lithium thionyl chloride batteries at 6-8 Hz measuring frequency even in the water meter version.
The TDC-GP30 is a system-on-chip approach that allows you to perform all measurement tasks
in one IC.
1.1
Key Features
High performance + ultra-low power 32-Bit CPU with
128 * 32 NVRAM (non-volatile RAM) for user firmware parameter & data
4k * 8 NVRAM (non-volatile RAM) for user firmware program code
4k * 8 ROM for system task code and special flow library code
Capability of MID-compliant flow & temperature calculation, GP30-supported
Flexible interfaces, SPI, UART, pulse (flow only)
Advanced high-precision analog part
Transducers can be connected directly to GP30, no external components required
Amplitude measurements of receiving signal for secure bubble, aging and empty spool piece
detection
Up to 31 multi-hits for flow measurement yield the highest accuracy
High update rates with very low power consumption of for example 6 µA at 8 Hz, including
flow and temperature calculations, measure rate adopted to the flow
Very low space and component requirements


Similar Part No. - TDC-GP30

ManufacturerPart #DatasheetDescription
logo
Sciosense B.V.
TDC-GP30 SCIOSENSE-TDC-GP30 Datasheet
2Mb / 2P
   Intelligent Analog Frontend for Ultrasonic Flow Metering
More results

Similar Description - TDC-GP30

ManufacturerPart #DatasheetDescription
logo
ams AG
TDC-GP22 AMSCO-TDC-GP22 Datasheet
3Mb / 93P
   Ultrasonic-Flow-Converter
TDC-GP21 AMSCO-TDC-GP21 Datasheet
3Mb / 91P
   Ultrasonic-Flow-Converter
logo
TT Electronics.
FFU TTELEC-FFU Datasheet
330Kb / 1P
   Ultrasonic Flow Meter
DOSIC TTELEC-DOSIC Datasheet
298Kb / 1P
   Ultrasonic Flow Meter
logo
Sciosense B.V.
UFM-01 SCIOSENSE-UFM-01 Datasheet
1Mb / 2P
   Ultrasonic Flow Sensor Module
AS6031 SCIOSENSE-AS6031 Datasheet
2Mb / 206P
   SoC for Ultrasonic Flow Meters
v1-00 2020-May-06
logo
Fuji Electric
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
logo
Sciosense B.V.
AS6040 SCIOSENSE-AS6040 Datasheet
3Mb / 213P
   Ultrasonic Flow Meters for Gas Meters
v2 2020-Aug-26
TDC-GP30 SCIOSENSE-TDC-GP30 Datasheet
2Mb / 2P
   Intelligent Analog Frontend for Ultrasonic Flow Metering
logo
BELIMO AIRCONTROLS (USA...
M2450-EP-100 BELIMO-M2450-EP-100 Datasheet
229Kb / 1P
   2?? Replacement Flow Sensor for ePIV Ultrasonic, Transit Time Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com