Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUA6030 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TUA6030
Description  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TUA6030 Datasheet HTML 31Page - Infineon Technologies AG TUA6030 Datasheet HTML 32Page - Infineon Technologies AG TUA6030 Datasheet HTML 33Page - Infineon Technologies AG TUA6030 Datasheet HTML 34Page - Infineon Technologies AG TUA6030 Datasheet HTML 35Page - Infineon Technologies AG TUA6030 Datasheet HTML 36Page - Infineon Technologies AG TUA6030 Datasheet HTML 37Page - Infineon Technologies AG TUA6030 Datasheet HTML 38Page - Infineon Technologies AG TUA6030 Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Reference
5 - 35
TUA6030, TUA6032
Wireless Components
Specification, July 2001
Table 5-3 AC/DC Characteristics with TAMB = 25 °C, VCC = 5V (continued)
Symbol
Limit Values
Unit
Test Conditions
LItem
min
typ
max
RF input level without
lock-out
Vi
120
dBµV
8.)
Input impedance
Zi = (Rs + jωLs)
Rs
35
fRF = 407.25 MHz,
see 5.4.3 on page 44
Rs
30
fRF = 863.25 MHz,
see 5.4.3 on page 44
Ls
5
nH
fRF = 407.25 MHz,
see 5.4.3 on page 44
Ls
4.5
nH
fRF = 863.25 MHz,
see 5.4.3 on page 44
LOW band oscillator, Chapter 4
Oscillator frequency
fOSC
80
210
MHz
10).
Oscillator frequency shift
∆f
OSC(V)
20
70
kHz
∆V
CC = 5 %
11).
∆f
OSC(V)
110
kHz
∆V
CC = 10 %
11.)
Oscillator frequency drift
∆f
OSC(T)
300
500
kHz
∆T = 25 °C,
with compensation
12).
Oscillator frequency drift
∆f
OSC(t)
150
250
kHz
5 s to 15 min after
switch on 13).
Phase noise, carrier to
noise sideband
Φ
OSC
88
92
dBc/
Hz
±10 kHz frequency
offset, worst case in
frequency range
Ripple susceptibility of VP
RSC
15
20
mV
4.75 V < VP < 5.25 V,
worst case in fre-
quency range, ripple
frequency 500 kHz
14).
MID band oscillator, Chapter 4
Oscillator frequency
fOSC
201
493
MHz
10.)
Oscillator frequency shift
∆f
OSC(V)
20
70
kHz
∆V
CC = 5 %
11.)
∆f
OSC(V)
110
kHz
∆V
CC = 10 %
11.)
Oscillator frequency drift
∆f
OSC(T)
500
750
kHz
∆T = 25 °C; with com-
pensation 12.)
Oscillator frequency drift
∆f
OSC(t)
250
500
kHz
5 s to 15 min after
switch on 13.)
Phase noise,
carrier to noise sideband
Φ
OSC
86
92
dBc/
Hz
±10 kHz frequency
offset, worst case in
frequency range


Similar Part No. - TUA6030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

Similar Description - TUA6030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com