Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUA6030 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TUA6030
Description  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TUA6030 Datasheet HTML 41Page - Infineon Technologies AG TUA6030 Datasheet HTML 42Page - Infineon Technologies AG TUA6030 Datasheet HTML 43Page - Infineon Technologies AG TUA6030 Datasheet HTML 44Page - Infineon Technologies AG TUA6030 Datasheet HTML 45Page - Infineon Technologies AG TUA6030 Datasheet HTML 46Page - Infineon Technologies AG TUA6030 Datasheet HTML 47Page - Infineon Technologies AG TUA6030 Datasheet HTML 48Page - Infineon Technologies AG TUA6030 Datasheet HTML 49Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Reference
5 - 46
TUA6030, TUA6032
Wireless Components
Specification, July 2001
5.5
Measurement Circuits
5.5.1
Gain (GV) measurement in LOW band
GVHF
s
Zi >> 50 Ω => Vi = 2 x Vmeas = 80 dBµV
s
Vi = Vmeas + 6dB = 80 dBµV
s
V0 = V’meas + 16 dB (transformer ratio N1:N2 and transformer loss
s
Gv = 20 log(V0 / Vi)
5.5.2
Gain (GV) measurement in MID and HIGH bands
GUHF3
s
Vi = Vmeas = 70 dBµV
s
V0 = V’meas + 16 dB (transformer ratio N1:N2 and transformer loss
s
Gv = 20 log(V0 / Vi) + 1 dB (1 dB = insertion loss of balun)
50
spectrum
analyser
Device
under
Test
IFOUT
LOWIN
IFOUT
V'
meas
V
0
V
i
50
C
Transformer
N1 : N2 = 10 : 2 turns
N1
N2
50
V
V
meas
RMS
Votmeter
50
spectrum
analyser
Device
under
Test
IFOUT
MIDIN
HIGHIN
IFOUT
V'
meas
V
0
V
i
50
C
Transformer
N1 : N2 = 10 : 2 turns
N1
N2
50
V
V
meas
RMS
Votmeter
Balun
1:1
MIDIN
HIGHIN


Similar Part No. - TUA6030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

Similar Description - TUA6030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com