Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27727 Datasheet(PDF) 8 Page - ams AG

Part # TMD27727
Description  Digital ALS and Proximity Module
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27727 Datasheet(HTML) 8 Page - ams AG

Back Button TMD27727 Datasheet HTML 4Page - ams AG TMD27727 Datasheet HTML 5Page - ams AG TMD27727 Datasheet HTML 6Page - ams AG TMD27727 Datasheet HTML 7Page - ams AG TMD27727 Datasheet HTML 8Page - ams AG TMD27727 Datasheet HTML 9Page - ams AG TMD27727 Datasheet HTML 10Page - ams AG TMD27727 Datasheet HTML 11Page - ams AG TMD27727 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Page 8
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Electrical Characteristics
Figure 10:
ALS Characteristics, VDD = 3V, TA = 25°C, AGAIN = 16x, AEN = 1 (unless otherwise noted)
Note(s) and/or Footnote(s):
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Red 625 nm and
infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 625 nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following typical characteristics: peak wavelength
λp = 625 nm and spectral halfwidth Δλ½ = 20 nm.
3. The 850 nm irradiance Ee is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
4. Unless otherwise specified, measurements are taken with ATIME= 0xF6 (27 ms).
Parameter
Test Conditions (1), (2), (3), (4)
Channel
Min
Typ
Max
Unit
ADC count value
TMD2772 (25°)
λp = 625 nm, Ee = 46.8 μW/cm
2
CH0
4000
5000
6000
counts
CH1
950
λp = 850 nm, Ee = 61.7 μW/cm
2
CH0
4000
5000
6000
counts
CH1
2900
ADC count value
TMD2772WA (50°)
λp = 625 nm, Ee = 129.5 μW/cm
2
CH0
4000
5000
6000
counts
CH1
950
λp = 850 nm, Ee = 181.2 μW/cm
2
CH0
4000
5000
6000
counts
CH1
2900
ADC count value
ratio: CH1/CH0
λp = 625 nm
0.152
0.19
0.228
λp = 850 nm
0.43
0.58
0.73
Re Irradiance
responsivity
TMD2772 (25°)
λp = 625 nm
CH0
107.2
counts
/(μW/
cm2)
CH1
20.4
λp = 850 nm
CH0
81.5
CH1
47.3
Re Irradiance
responsivity
TMD2772WA (50°)
λp = 625 nm
CH0
38.6
counts
/(μW/
cm2)
CH1
7.3
λp = 850 nm
CH0
27.6
CH1
16.0
Gain scaling,
relative to 1× gain
setting
AGAIN = 1× and AGL = 1
0.16
x
AGAIN = 8× and AGL = 0
7.2
8.0
8.8
AGAIN = 16× and AGL = 0
14.4
16.0
17.6
AGAIN = 120× and AGL = 0
108
120
132


Similar Part No. - TMD27727

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD27727 AMSCO-TMD27727 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
OSRAM GmbH
TMD27727 OSRAM-TMD27727 Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
More results

Similar Description - TMD27727

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com