Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5630B Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5630B
Description  300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5630B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5630B_15 Datasheet HTML 3Page - Texas Instruments TAS5630B_15 Datasheet HTML 4Page - Texas Instruments TAS5630B_15 Datasheet HTML 5Page - Texas Instruments TAS5630B_15 Datasheet HTML 6Page - Texas Instruments TAS5630B_15 Datasheet HTML 7Page - Texas Instruments TAS5630B_15 Datasheet HTML 8Page - Texas Instruments TAS5630B_15 Datasheet HTML 9Page - Texas Instruments TAS5630B_15 Datasheet HTML 10Page - Texas Instruments TAS5630B_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TAS5630B
www.ti.com
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted
(1)
MIN
MAX
UNIT
VDD to AGND
–0.3
13.2
V
GVDD to AGND
–0.3
13.2
V
PVDD_X to GND_X(2)
–0.3
69
V
OUT_X to GND_X(2)
–0.3
69
V
BST_X to GND_X(2)
–0.3
82.2
V
BST_X to GVDD_X(2)
–0.3
69
V
VREG to AGND
–0.3
4.2
V
GND_X to GND
–0.3
0.3
V
GND_X to AGND
–0.3
0.3
V
OC_ADJ, M1, M2, M3, OSC_IO+, OSC_IO–, FREQ_ADJ, VI_CM, C_STARTUP, PSU_REF to AGND
–0.3
4.2
V
INPUT_X
–0.3
7
V
RESET, SD, OTW1, OTW2, CLIP, READY to AGND
–0.3
7
V
Continuous sink current (SD, OTW1, OTW2, CLIP, READY)
9
mA
Operating junction temperature, TJ
0
150
°C
Storage temperature, Tstg
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represents the dc voltage + peak ac waveform measured at the terminal of the device in all conditions.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PVDD_x
Half-bridge supply
DC supply voltage
25
50
52.5
V
GVDD_x
Supply for logic regulators and gate-drive circuitry
DC supply voltage
10.8
12
13.2
V
VDD
Digital regulator supply voltage
DC supply voltage
10.8
12
13.2
V
RL(BTL)
3.5
4
Output filter according to schematics in the
RL(SE)
(2)
Load impedance (1)
1.8
2
application information section
RL(PBTL)
(2)
2.4
3
LOUTPUT(BTL)
7
10
LOUTPUT(SE)
(2)
Output filter inductance (1)
Minimum output inductance at IOC
7
15
μH
LOUTPUT(PBTL)
(2)
7
10
Nominal
385
400
415
PWM frame rate selectable for AM interference
fPWM
AM1
315
333
350
kHz
avoidance; 1% resistor tolerance.
AM2
260
300
335
Nominal; master mode
9.9
10
10.1
RFREQ_ADJ
PWM frame-rate-programming resistor
AM1; master mode
19.8
20
20.2
k
AM2; master mode
29.7
30
30.3
(1)
Values are for actual measured impedance over all combinations of tolerance, current and temperature and not simply the component
rating.
(2)
See additional details for SE and PBTL in System Design Considerations.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5630B


Similar Part No. - TAS5630B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630B TI-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
More results

Similar Description - TAS5630B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630B TI1-TAS5630B_17 Datasheet
3Mb / 39P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com