Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5754MDCA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5754MDCA
Description  Digital Input, Closed-Loop Class-D Amplifier
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5754MDCA Datasheet(HTML) 3 Page - Texas Instruments

  TAS5754MDCA Datasheet HTML 1Page - Texas Instruments TAS5754MDCA Datasheet HTML 2Page - Texas Instruments TAS5754MDCA Datasheet HTML 3Page - Texas Instruments TAS5754MDCA Datasheet HTML 4Page - Texas Instruments TAS5754MDCA Datasheet HTML 5Page - Texas Instruments TAS5754MDCA Datasheet HTML 6Page - Texas Instruments TAS5754MDCA Datasheet HTML 7Page - Texas Instruments TAS5754MDCA Datasheet HTML 8Page - Texas Instruments TAS5754MDCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
Thermal Pad
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
BSTRPB±
SPK_OUTB±
PGND
SPK_OUTB+
BSTRPB+
PVDD
PVDD
PVDD
PGND
SPK_FAULT
SPK_INB±
SPK_INB+
DAC_OUTB
CPVSS
CN
GND
CP
CPVDD
DVDD
DGND
DVDD_REG
SPK_MUTE
ADR0
LRCK/FS
BSTRPA±
SPK_OUTA±
PGND
SPK_OUTA+
BSTRPA+
PVDD
PVDD
GVDD_REG
SPK_GAIN/FREQ
AGND
SPK_INA±
SPK_INA+
DAC_OUTA
AVDD
AGND
SDA
SCL
GPIO0
GPIO1
ADR1
GPIO2
MCLK
SCLK
SDIN
TAS5754M
www.ti.com
SLAS987 – JUNE 2014
5 Device Comparison Table
DEVICE NAME
MODULATION STYLE
TAS5754MDCA
1SPW (Ternary)
TAS5756MDCA
BD Modulation
6 Pin Configuration and Functions
48-Terminal TSSOP
DCA Package
(Thermal Pad Down)
Pin Functions
PIN
INTERNAL
TYPE(1)
DESCRIPTION
TERMINATION
NAME
NO.
ADR0
26
DI
Sets the LSB of the I2C Address to 0 if pulled to GND, to 1 if pulled to DVDD
Figure 13
ADR1
20
DI
Sets the 2nd LSB of the I2C Address to 0 if pulled to GND, to 1 if pulled to DVDD
10
Ground reference for analog circuitry (NOTE: This pin should be connected to the system
AGND
G
ground)
15
AVDD
14
P
Figure 4
Power supply for internal analog circuitry
Connection point for the SPK_OUTA– bootstrap capacitor which is used to create a power
BSTRPA–
1
P
supply for the high-side gate drive for SPK_OUTA–
Connection point for the SPK_OUTA+ bootstrap capacitor which is used to create a power
BSTRPA+
5
P
supply for the high-side gate drive for SPK_OUTA
Figure 5
Connection point for the SPK_OUTB– bootstrap capacitor which is used to create a power
BSTRPB–
48
P
supply for the high-side gate drive for SPK_OUTB–
Connection point for the SPK_OUTB+ bootstrap capacitor which is used to create a power
BSTRPB+
44
P
supply for the high-side gate drive for SPK_OUTB+
(1)
AI = Analog input, AO = Analog output, DI = Digital Input, DO = Digital Output, DI/O = Digital Bi-directional (input and output), P =
Power, G = Ground (0 V)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TAS5754M


Similar Part No. - TAS5754MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
More results

Similar Description - TAS5754MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5756M TI1-TAS5756M Datasheet
3Mb / 104P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5827 TI1-TAS5827 Datasheet
2Mb / 116P
[Old version datasheet]   TAS5827 47-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Class-H Algorithm
DECEMBER 2023
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5828M TI-TAS5828M Datasheet
2Mb / 83P
[Old version datasheet]   TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com