Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUA6032 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TUA6032
Description  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6032 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TUA6032 Datasheet HTML 4Page - Infineon Technologies AG TUA6032 Datasheet HTML 5Page - Infineon Technologies AG TUA6032 Datasheet HTML 6Page - Infineon Technologies AG TUA6032 Datasheet HTML 7Page - Infineon Technologies AG TUA6032 Datasheet HTML 8Page - Infineon Technologies AG TUA6032 Datasheet HTML 9Page - Infineon Technologies AG TUA6032 Datasheet HTML 10Page - Infineon Technologies AG TUA6032 Datasheet HTML 11Page - Infineon Technologies AG TUA6032 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Product Description
2 - 8
TUA6030, TUA6032
Wireless Components
Specification, July 2001
2.1
Overview
The TUA6030, TUA6032 devices combine a mixer-oscillator block with a digi-
tally programmable phase locked loop (PLL) for use in TV and VCR tuners.
The mixer-oscillator block includes three balanced mixers (one mixer with an
unbalanced high-impedance input and two mixers with a balanced low-imped-
ance input), two 2-pin asymmetrical oscillators for the LOW and the MID band,
one 4-pin symmetrical oscillator for the HIGH band, an IF amplifier, a reference
voltage, and a band switch.
The PLL block with four independently selectable chip addresses forms a digit-
ally programmable phase locked loop. With a 4 MHz quartz crystal, the PLL per-
mits precise setting of the frequency of the tuner oscillator up to 1024 MHz in
increments of 31.25, 50, 62.5 or 166.7 kHz. The tuning process is controlled by
a microprocessor via an I2C bus. The device has 8 output ports, one of them
(P6) can also be used as ADC input port. A flag is set when the loop is locked.
The lock flag can be read by the processor via the I2C bus.
2.2
Features
General
s
Suitable for PAL/NTSC and Digital Video Broadcasting
s
Wideband AGC detector for internal tuner AGC
− 5 programmable take-over points
− 2 programmable time constants
s
Full ESD protection
Mixer/Oscillator
s
High impedance mixer input (common emitter) for LOW band
s
Low impedance mixer input (common base) for MID band
s
Low impedance mixer input (common base) for HIGH band
s
2 pin oscillator for LOW band
s
2 pin oscillator for MID band
s
4 pin oscillator for HIGH band
IF-Amplifier
s
IF preamplifier with symmetrical 75
Ω output impedance able to drive a
SAW filter (500
Ω//40 pF)
PLL
s
4 independent I2C addresses
s
I2C bus protocol compatible with 3.3 V and 5V micro-controllers up to
400 kHz


Similar Part No. - TUA6032

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

Similar Description - TUA6032

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com