Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4AEJBW5200A3JJ Datasheet(PDF) 7 Page - Kemet Corporation

Part # C4AEJBW5200A3JJ
Description  Typical applications include DC filtering and energy storage.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4AEJBW5200A3JJ Datasheet(HTML) 7 Page - Kemet Corporation

  C4AEJBW5200A3JJ Datasheet HTML 1Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 2Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 3Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 4Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 5Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 6Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 7Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 8Page - Kemet Corporation C4AEJBW5200A3JJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3046_C4AE_RADIAL • 1/5/2016
7
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4AE Series, Radial, 2 or 4 Leads, 450 – 1,100 VDC, for DC Link
Table 1 – Ratings & Part Number Reference
Cap
Value
(µF)
VDC
Dimensions (mm)
dV/dt
(V/µs)
Ipkr ESL
ESR
Irms*
Rth
PART NUMBER
70°C@10 kHz 70°C@10 kHz (HS/Amb)
B
H
L
P
P1
Apk
nH
Arms
(°C/W)
4.5
450
11
20
31.5
27.5
\
14
65
25
14.2
4.5
44
C4AEGBU4450A1WJ
6.8
450
13
25
31.5
27.5
\
15
101
25
10.0
6.0
36
C4AEGBU4680A1XJ
10
450
14
28
31.5
27.5
\
14
145
26
7.4
7.5
33
C4AEGBU5100A1YJ
12.5
450
19
29
31.5
27.5
\
15
187
26
6.2
8.5
29
C4AEGBU5125A11J
20
450
22
37
31.5
27.5
\
15
303
28
4.8
11.0
23
C4AEGBU5200A12J
30
450
20
40
41.5
37.5
10.2
10
298
30
4.1
13.0
20
C4AEGBW5300A3FJ
35
450
28
37
42.5
37.5
10.2
10
355
30
3.5
14.0
18
C4AEGBW5350A3JJ
40
450
24
44
41.5
37.5
10.2
10
406
30
3.1
16.0
17
C4AEGBW5400A3HJ
50
450
30
45
42
37.5
20.3
10
508
30
2.5
18.0
15
C4AEGBW5500A3LJ
75
450
30
45
57.5
52.5
20.3
7
503
35
3.4
18.0
12
C4AEGBW5750A3MJ
100
450
35
50
57.5
52.5
20.3
7
677
35
2.6
22.0
10
C4AEGBW6100A3NJ
3.3
600
11
20
31.5
27.5
\
17
55
25
17.0
4.0
44
C4AEHBU4330A1WJ
5.6
600
13
25
31.5
27.5
\
17
94
25
10.7
6.0
36
C4AEHBU4560A1XJ
7
600
14
28
31.5
27.5
\
17
118
26
9.0
7.0
33
C4AEHBU4700A1YJ
10
600
19
29
31.5
27.5
\
17
169
26
6.8
8.5
29
C4AEHBU5100A11J
15
600
22
37
31.5
27.5
\
17
253
28
5.3
10.5
23
C4AEHBU5150A12J
20
600
20
40
41.5
37.5
10.2
11
229
30
5.3
11.0
20
C4AEHBW5200A3FJ
30
600
28
37
42.5
37.5
10.2
11
337
30
3.6
14.0
18
C4AEHBW5300A3JJ
40
600
30
45
42
37.5
20.3
11
458
30
2.8
18.0
15
C4AEHBW5400A3LJ
55
600
30
45
57.5
52.5
20.3
8
425
35
4.1
16.5
12
C4AEHBW5550A3MJ
75
600
35
50
57.5
52.5
20.3
8
579
35
3.1
20.5
10
C4AEHBW5750A3NJ
2.7
700
11
20
31.5
27.5
\
19
51
25
18.3
4.0
44
C4AEJBU4270A1WJ
4
700
13
25
31.5
27.5
\
19
77
25
12.9
5.5
36
C4AEJBU4400A1XJ
5
700
14
28
31.5
27.5
\
19
96
26
10.7
6.0
33
C4AEJBU4500A1YJ
8
700
19
29
31.5
27.5
\
19
154
26
7.3
8.0
29
C4AEJBU4800A11J
12.5
700
22
37
31.5
27.5
\
19
241
28
5.5
10.0
23
C4AEJBU5125A12J
15
700
20
40
41.5
37.5
5.1
13
196
30
6.2
10.0
20
C4AEJBW5150A3FJ
20
700
28
37
42.5
37.5
10.2
13
262
30
4.7
12.5
18
C4AEJBW5200A3JJ
22
700
24
44
41.5
37.5
10.2
13
288
30
4.3
13.0
17
C4AEJBW5220A3HJ
30
700
30
45
42
37.5
20.3
13
389
30
3.2
16.5
15
C4AEJBW5300A3LJ
45
700
30
45
57.5
52.5
20.3
9
389
35
4.4
16.0
12
C4AEJBW5450A3MJ
55
700
35
50
57.5
52.5
20.3
9
485
35
3.6
19.0
10
C4AEJBW5550A3NJ
60
700
35
50
57.5
52.5
20.3
9
530
35
3.4
19.5
10
C4AEJBW5600A3NJ
1.5
900
11
20
31.5
27.5
\
24
36
25
26.3
3.5
44
C4AEOBU4150A1WJ
2.7
900
13
25
31.5
27.5
\
24
65
25
15.3
5.0
36
C4AEOBU4270A1XJ
3.3
900
14
28
31.5
27.5
\
24
79
26
12.9
5.5
33
C4AEOBU4330A1YJ
5
900
19
29
31.5
27.5
\
24
120
26
9.1
7.0
29
C4AEOBU4500A11J
8
900
22
37
31.5
27.5
\
24
193
28
6.6
9.5
23
C4AEOBU4800A12J
12
900
20
40
41.5
37.5
10.2
16
190
30
6.3
10.0
20
C4AEOBW5120A3FJ
14
900
28
37
42.5
37.5
10.2
16
229
30
5.4
11.5
18
C4AEOBW5140A3JJ
16
900
24
44
41.5
37.5
10.2
16
256
30
4.8
13.0
17
C4AEOBW5160A3HJ
20
900
30
45
42
37.5
20.3
16
321
30
3.9
15.0
15
C4AEOBW5200A3LJ
30
900
30
45
57.5
52.5
20.3
11
324
35
5.2
15.0
12
C4AEOBW5300A3MJ
40
900
35
50
57.5
52.5
20.3
11
428
35
4.0
18.0
10
C4AEOBW5400A3NJ
1
1100
11
20
31.5
27.5
\
28
28
25
33.1
3.0
44
C4AEQBU4100A1WJ
1.8
1100
13
25
31.5
27.5
\
29
52
25
19.1
4.5
36
C4AEQBU4180A1XJ
2.2
1100
14
28
31.5
27.5
\
29
63
26
16.0
5.0
33
C4AEQBU4220A1YJ
3.3
1100
19
29
31.5
27.5
\
29
95
26
11.2
6.5
29
C4AEQBU4330A11J
5
1100
22
37
31.5
27.5
\
29
145
28
8.2
8.5
23
C4AEQBU4500A12J
8
1100
20
40
41.5
37.5
10.2
20
157
30
7.9
9.0
20
C4AEQBW4800A3FJ
10
1100
28
37
42.5
37.5
10.2
20
196
30
6.3
11.0
18
C4AEQBW5100A3JJ
12
1100
30
45
42
37.5
20.3
20
235
30
5.3
13.0
15
C4AEQBW5120A3LJ
20
1100
30
45
57.5
52.5
20.3
13
262
35
6.5
13.0
12
C4AEQBW5200A3MJ
25
1100
35
50
57.5
52.5
20.3
13
331
35
5.2
16.0
10
C4AEQBW5250A3NJ
27
1100
35
50
57.5
52.5
20.3
13
354
35
4.9
16.5
10
C4AEQBW5270A3NJ
Cap Value
(µF)
VDC
B
H
L
P
P1
dV/dt
(V/µs)
Ipkr
ESL
ESR
Irms
Rth
Part Number
(1) Current values that lead to a ΔT of ~ 15°C in the hot spot → THS = TAMB + ΔT = 70°C + 15°C = 85°C
For Packaging quantities not listed contact KEMET


Similar Part No. - C4AEJBW5200A3JJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AEJBW5200A3JJ KEMET-C4AEJBW5200A3JJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 20 uF, 5%, 700 V, 70C, Lead Spacing = 37.5mm
C4AEJBW5200A3JJ KEMET-C4AEJBW5200A3JJ_17 Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 20 uF, 5%, 700 V, 70C, Lead Spacing = 37.5mm
More results

Similar Description - C4AEJBW5200A3JJ

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
logo
PREMO CORPORATION S.L
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com