Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760MDCA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MDCA
Description  General-Purpose I2S Input Class-D Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760MDCA Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5760MDCA Datasheet HTML 5Page - Texas Instruments TAS5760MDCA Datasheet HTML 6Page - Texas Instruments TAS5760MDCA Datasheet HTML 7Page - Texas Instruments TAS5760MDCA Datasheet HTML 8Page - Texas Instruments TAS5760MDCA Datasheet HTML 9Page - Texas Instruments TAS5760MDCA Datasheet HTML 10Page - Texas Instruments TAS5760MDCA Datasheet HTML 11Page - Texas Instruments TAS5760MDCA Datasheet HTML 12Page - Texas Instruments TAS5760MDCA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
TAS5760M
www.ti.com
SLOS772D – JULY 2013 – REVISED JULY 2015
7.7 Serial Audio Port
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSCLK
Allowable SCLK Duty Cycle
45%
50%
55%
Required LRCK to SCLK Rising Edge
15
ns
Required SDIN Hold Time after SCLK
tHLD
15
ns
Rising Edge
Required SDIN Setup Time before SCLK
tsu
15
ns
Rising Edge
Sample rates above 48kHz
supported by "double speed
fS
Supported Input Sample Rates
32
96
kHz
mode," which is activated
through the I²C control port
fSCLK
Supported SCLK Frequencies
Values include: 32, 48, 64
32
64
fS
7.8 Protection Circuitry
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERTHRES(PVDD)
PVDD Overvoltage Error Threshold
PVDD Rising
28
V
OVEFTHRES(PVDD)
PVDD Overvoltage Error Threshold
PVDD Falling
27.3
V
PVDD Undervoltage Error (UVE)
UVEFTHRES(PVDD)
PVDD Falling
3.95
V
Threshold
UVERTHRES(PVDD)
PVDD UVE Threshold (PVDD Rising)
PVDD Rising
4.15
V
Overtemperature Error (OTE)
OTETHRES
150
°C
Threshold
Overtemperature Error (OTE)
OTEHYST
15
°C
Hysteresis
Overcurrent Error (OCE) Threshold for
OCETHRES
PVDD= 15V, TA = 25 °C
7
A
each BTL Output
DCETHRES
DC Error (DCE) Threshold
PVDD= 12V, TA = 25 °C
2.6
V
DC Detect Error
650
ms
Speaker Amplifier Fault Time Out
TSPK_FAULT
period
OTE or OCP Fault
1.3
s
7.9 Speaker Amplifier in All Modes
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV00
25.2
dBV
SPK_GAIN[1:0] Pins = 00
available in Software Control
Mode)(1)
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV01
28.6
dBV
SPK_GAIN[1:0] Pins = 01
available in Software Control
Mode)(1)
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV10
31
dBV
SPK_GAIN[1:0] Pins = 10
available in Software Control
Mode)(1)
Speaker Amplifier Gain with
(This setting places the device
AV11
(Set via I²C)
SPK_GAIN[1:0] Pins = 11
in Software Control Mode)
BTL, Worst case over voltage,
10
mV
gain settings
|VOS|(SPK_
Speaker Amplifier DC Offset
AMP)
PBTL, Worst case over voltage,
15
mV
gain settings
(1)
The digital boost block contributes +6dB of gain to this value. The audio signal must be kept below -6dB to avoid clipping the digital
audio path.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TAS5760M


Similar Part No. - TAS5760MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDDCA TI1-TAS5760MDDCA Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDDCAR TI1-TAS5760MDDCAR Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
More results

Similar Description - TAS5760MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com