Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760MDCAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MDCAR
Description  General-Purpose I2S Input Class-D Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760MDCAR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5760MDCAR Datasheet HTML 1Page - Texas Instruments TAS5760MDCAR Datasheet HTML 2Page - Texas Instruments TAS5760MDCAR Datasheet HTML 3Page - Texas Instruments TAS5760MDCAR Datasheet HTML 4Page - Texas Instruments TAS5760MDCAR Datasheet HTML 5Page - Texas Instruments TAS5760MDCAR Datasheet HTML 6Page - Texas Instruments TAS5760MDCAR Datasheet HTML 7Page - Texas Instruments TAS5760MDCAR Datasheet HTML 8Page - Texas Instruments TAS5760MDCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
0
5
10
15
20
25
30
35
40
45
50
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
4
Ω Thermal Limit
6
Ω Thermal Limit
8
Ω Thermal Limit
THD+N = 10%
G001
Clock Monitoring
Digital to
PWM
Conversion
Digital
Boost
&
Volume
Control
Soft
Clipper
Analog
Gain
Full Bridge
Power Stage
B
Serial
Audio
Port
Internal Control Registers and State Machines
Internal Reference
Regulators
Over-
Current
Protection
Full Bridge
Power Stage
A
Gate
Drives
Gate
Drives
Digital
Clipper
Die
Temp. Monitor
Internal Gate
Drive Regulator
Closed Loop Class D Amplifier
SFT_CLIP
SPK_OUTB+
SPK_OUTB-
SPK_OUTA+
SPK_OUTA-
SCLK
SDIN
MCLK
LRCK
DVDD
ANA_REG
AVDD
GVDD_REG
PVDD
Internal
Voltage
Supplies
PBTL/
SCL
SPK_GAIN1
SPK_FAULT SPK_SLEEP/
ADR
SPK_GAIN0
SPK_SD
FREQ/
SDA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TAS5760M
SLOS772D – JULY 2013 – REVISED JULY 2015
TAS5760M General-Purpose I2S Input Class-D Amplifier
1 Features
3 Description
The TAS5760M is a stereo I2S input device which
1
Audio I/O Configuration:
includes hardware and software (I²C) control modes,
Single Stereo I²S Input
integrated digital clipper, several gain options, and a
Stereo Bridge Tied Load (BTL) or Mono
wide power supply operating range to enable use in a
Parallel Bridge Tied Load (PBTL) Operation
multitude of applications. The TAS5760M operates
with a nominal supply voltage from 4.5 to 24 VDC.
32, 44.1, 48, 88.2, 96 kHz Sample Rates
An optimal mix of thermal performance and device
General Operational Features:
cost is provided in the 120-m
Ω RDS(ON) of the output
Selectable Hardware or Software Control
MOSFETs. Additionally, a thermally enhanced 48-Pin
Integrated Digital Output Clipper
TSSOP provides excellent operation in the elevated
Programmable I²C Address (1101100[R/W] or
ambient temperatures found in modern consumer
electronic devices.
1101101[R/W])
Closed-Loop Amplifier Architecture
The entire TAS5760xx family is pin-to-pin compatible
in the 48-Pin TSSOP package. Alternatively, to
Adjustable Switching Frequency for Speaker
achieve the smallest possible solutions size for
Amplifier
applications where pin-to-pin compatibility and a
Robustness Features:
headphone or line driver are not required, a 32-Pin
Clock Error, DC, and Short-Circuit Protection
TSSOP package is offered for the TAS5760M and
TAS5760L devices. The I2C register map in all of the
Overtemperature and Programmable
TAS5760xx devices are identical, to ensure low
Overcurrent Protection
development
overhead
when
choosing
between
Audio Performance (PVDD = 19 V, RSPK = 8 Ω,
devices based upon system-level requirements.
SPK_GAIN[1:0] Pins = 01)
Idle Channel Noise = 100 µVrms (A-Wtd)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
THD+N = 0.03% (at 1 W, 1 kHz)
HTSSOP (48)
12.50 mm × 6.10 mm
SNR = 100 dB A-Wtd (Ref. to THD+N = 1%)
TAS5760M
HTSSOP (32)
11 mm × 6.2 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
LCD/LED TV and Multipurpose Monitors
Sound Bars, Docking Stations, PC Audio
General-Purpose Audio Equipment
Functional Block Diagram
Power at 10% THD+N vs PVDD
NOTE: Thermal Limits were determined via the
TAS5760xxEVM
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS5760MDCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDDCA TI1-TAS5760MDDCA Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDDCAR TI1-TAS5760MDDCAR Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
More results

Similar Description - TAS5760MDCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com