Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F861AL683M310C Datasheet(PDF) 4 Page - Kemet Corporation

Part # F861AL683M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861AL683M310C Datasheet(HTML) 4 Page - Kemet Corporation

  F861AL683M310C Datasheet HTML 1Page - Kemet Corporation F861AL683M310C Datasheet HTML 2Page - Kemet Corporation F861AL683M310C Datasheet HTML 3Page - Kemet Corporation F861AL683M310C Datasheet HTML 4Page - Kemet Corporation F861AL683M310C Datasheet HTML 5Page - Kemet Corporation F861AL683M310C Datasheet HTML 6Page - Kemet Corporation F861AL683M310C Datasheet HTML 7Page - Kemet Corporation F861AL683M310C Datasheet HTML 8Page - Kemet Corporation F861AL683M310C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015
4
Film Capacitors
AC Line EMI Suppression and RC Networks – F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Dimensions – Millimeters cont'd
L
B
B
H
d
p
LL
0.5
0.5
p
1
2-Pin
4-Pin
FRONT VIEW
SIDE VIEW
p
p
1
p
2-Pin
4-Pin
SCHEMATIC
Size
Code
Version
p
p1
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
DU
22.5
+/-0.4
13.0
Maximum
22.0
Maximum
26.0
Maximum
0.8
+/-0.05
DY
22.5
+/-0.4
15.5
Maximum
24.5
Maximum
26.0
Maximum
0.8
+/-0.05
FB
27.5
+/-0.4
9.0
Maximum
17.0
Maximum
31.5
Maximum
0.8
+/-0.05
FC
27.5
+/-0.4
11.0
Maximum
20.0
Maximum
31.5
Maximum
0.8
+/-0.05
FI
27.5
+/-0.4
13.0
Maximum
25.0
Maximum
31.5
Maximum
0.8
+/-0.05
FN
27.5
+/-0.4
14.0
Maximum
28.0
Maximum
31.5
Maximum
0.8
+/-0.05
FO
HighProfile
27.5
+/-0.4
17.0
Maximum
40.0
Maximum
31.5
Maximum
0.8
+/-0.05
FR
27.5
+/-0.4
17.5
Maximum
28.0
Maximum
31.5
Maximum
0.8
+/-0.05
FS
27.5
+/-0.4
19.0
Maximum
29.0
Maximum
31.5
Maximum
0.8
+/-0.05
FY
27.5
+/-0.4
22.0
Maximum
37.0
Maximum
31.5
Maximum
0.8
+/-0.05
FH
LowProfile
27.5
+/-0.4
21.0
Maximum
12.5
Maximum
31.5
Maximum
0.8
+/-0.05
FQ
LowProfile
27.5
+/-0.4
27.5
Maximum
16.0
Maximum
31.5
Maximum
0.8
+/-0.05
FT
LowProfile
27.5
+/-0.4
31.0
Maximum
19.0
Maximum
31.5
Maximum
0.8
+/-0.05
RB
37.5
+/-0.4
11.0
Maximum
22.0
Maximum
41.0
Maximum
1
+/-0.05
RF
37.5
+/-0.4
13.0
Maximum
24.0
Maximum
41.0
Maximum
1
+/-0.05
RH
37.5
+/-0.4
15.0
Maximum
26.0
Maximum
41.0
Maximum
1
+/-0.05
RC
37.5
+/-0.4
16.0
Maximum
28.5
Maximum
41.0
Maximum
1
+/-0.05
RD
37.5
+/-0.4
19.0
Maximum
32.0
Maximum
41.0
Maximum
1
+/-0.05
RP
37.5
+/-0.4
21.0
Maximum
38.0
Maximum
41.0
Maximum
1
+/-0.05
RO
37.5
+/-0.4
24.0
Maximum
44.0
Maximum
41.0
Maximum
1
+/-0.05
RU
37.5
+/-0.4
30.0
Maximum
45.0
Maximum
41.0
Maximum
1
+/-0.05
RV
LowProfile
37.5
+/-0.4
24.0
Maximum
15.0
Maximum
41.0
Maximum
1
+/-0.05
RW
LowProfile
37.5
+/-0.4
24.0
Maximum
19.0
Maximum
41.0
Maximum
1
+/-0.05
Note: See Ordering Options Table for lead length (LL) options.


Similar Part No. - F861AL683M310C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F861AO224K310A KEMET-F861AO224K310A Datasheet
57Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.22 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 10mm
F861AO224M310A KEMET-F861AO224M310A Datasheet
228Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.22 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 10mm
10/20/2022
More results

Similar Description - F861AL683M310C

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
logo
jb Capacitors Company
JFV JBCAPACITORS-JFV_18 Datasheet
247Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFV JBCAPACITORS-JFV_16 Datasheet
243Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFZ JBCAPACITORS-JFZ_16 Datasheet
254Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
logo
Suntan Capacitors
TS08 SUNTAN-TS08 Datasheet
324Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com