Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4AEOBU4500A11J Datasheet(PDF) 8 Page - Kemet Corporation

Part # C4AEOBU4500A11J
Description  Typical applications include DC filtering and energy storage.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4AEOBU4500A11J Datasheet(HTML) 8 Page - Kemet Corporation

  C4AEOBU4500A11J Datasheet HTML 1Page - Kemet Corporation C4AEOBU4500A11J Datasheet HTML 2Page - Kemet Corporation C4AEOBU4500A11J Datasheet HTML 3Page - Kemet Corporation C4AEOBU4500A11J Datasheet HTML 4Page - Kemet Corporation C4AEOBU4500A11J Datasheet HTML 5Page - Kemet Corporation C4AEOBU4500A11J Datasheet HTML 6Page - Kemet Corporation C4AEOBU4500A11J Datasheet HTML 7Page - Kemet Corporation C4AEOBU4500A11J Datasheet HTML 8Page - Kemet Corporation C4AEOBU4500A11J Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3046_C4AE_RADIAL • 1/5/2016
8
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4AE Series, Radial, 2 or 4 Leads, 450 – 1,100 VDC, for DC Link
KEMET Corporation
World Headquarters
2835 KEMET Way
Simpsonville, SC 29681
Mailing Address:
P.O. Box 5928
Greenville, SC 29606
www.kemet.com
Tel: 864-963-6300
Fax: 864-963-6521
Corporate Offices
Fort Lauderdale, FL
Tel: 954-766-2800
North America
Northeast
Wilmington, MA
Tel: 978-658-1663
Southeast
Lake Mary, FL
Tel: 407-855-8886
Central
Novi, MI
Tel: 248-994-1030
Irving, TX
Tel: 972-915-6041
West
Milpitas, CA
Tel: 408-433-9950
Mexico
Guadalajara, Jalisco
Tel: 52-33-3123-2141
Europe
Southern Europe
Sasso Marconi, Italy
Tel: 39-051-939111
Skopje, Macedonia
Tel: 389-2-55-14-623
Central Europe
Landsberg, Germany
Tel: 49-8191-3350800
Kamen, Germany
Tel: 49-2307-438110
Northern Europe
Wyboston, United Kingdom
Tel: 44-1480-273082
Espoo, Finland
Tel: 358-9-5406-5000
Asia
Northeast Asia
Hong Kong
Tel: 852-2305-1168
Shenzhen, China
Tel: 86-755-2518-1306
Beijing, China
Tel: 86-10-5877-1075
Shanghai, China
Tel: 86-21-6447-0707
Seoul, South Korea
Tel: 82-2-6294-0550
Taipei, Taiwan
Tel: 886-2-27528585
Southeast Asia
Singapore
Tel: 65-6701-8033
Penang, Malaysia
Tel: 60-4-6430200
Bangalore, India
Tel: 91-806-53-76817
Note: KEMET reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. KEMET does not
assume any responsibility for infringement that might result from the use of KEMET Capacitors in potential circuit designs. KEMET is a registered trademark of
KEMET Electronics Corporation.


Similar Part No. - C4AEOBU4500A11J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AEGBW6100A3NJ KEMET-C4AEGBW6100A3NJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 100 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
C4AEGBW6100A3NJ KEMET-C4AEGBW6100A3NJ_17 Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 100 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
C4AEHBU5100A11J KEMET-C4AEHBU5100A11J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 10 uF, 5%, 600 V, 70C, Lead Spacing = 27.5mm
C4AEHBU5100A11J KEMET-C4AEHBU5100A11J_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 10 uF, 5%, 600 V, 70C, Lead Spacing = 27.5mm
C4AEJBW5200A3JJ KEMET-C4AEJBW5200A3JJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 20 uF, 5%, 700 V, 70C, Lead Spacing = 37.5mm
More results

Similar Description - C4AEOBU4500A11J

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
logo
PREMO CORPORATION S.L
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com