Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F861AK823M310C Datasheet(PDF) 2 Page - Kemet Corporation

Part # F861AK823M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861AK823M310C Datasheet(HTML) 2 Page - Kemet Corporation

  F861AK823M310C Datasheet HTML 1Page - Kemet Corporation F861AK823M310C Datasheet HTML 2Page - Kemet Corporation F861AK823M310C Datasheet HTML 3Page - Kemet Corporation F861AK823M310C Datasheet HTML 4Page - Kemet Corporation F861AK823M310C Datasheet HTML 5Page - Kemet Corporation F861AK823M310C Datasheet HTML 6Page - Kemet Corporation F861AK823M310C Datasheet HTML 7Page - Kemet Corporation F861AK823M310C Datasheet HTML 8Page - Kemet Corporation F861AK823M310C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015
2
Film Capacitors
AC Line EMI Suppression and RC Networks – F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Ordering Options Table cont'd
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
10
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
C
Bulk (Bag) – Long Leads
17+0/-1
A
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
20+5/-0
ALL0L
Ammo Pack
H
0= 18.5+/-0.5
R
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
15
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
C
Bulk (Bag) – Long Leads
17+0/-1
A
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
Pizza Pack
4+2/-0
Z
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
25+5/-0
ALR0L
Ammo Pack
H
0= 18.5+/-0.5
R
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
22.5
Standard Lead and Packaging Options
Pizza – Long Leads
17+0/-1
ZLH0J
Pizza Pack
4+2/-0
Z
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
Ammo Pack
H
0= 18.5+/-0.5
R
27.5
Standard Lead and Packaging Options
Pizza – Long Leads
17+0/-1
ZLH0J
Pizza Pack
4+2/-0
Z
37.5
Standard Lead and Packaging Options
Pizza – Long Leads
17+0/-1
ZLH0J
Pizza Pack
4+2/-0
Z


Similar Part No. - F861AK823M310C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F861AO224K310A KEMET-F861AO224K310A Datasheet
57Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.22 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 10mm
F861AO224M310A KEMET-F861AO224M310A Datasheet
228Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.22 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 10mm
10/20/2022
More results

Similar Description - F861AK823M310C

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
logo
jb Capacitors Company
JFV JBCAPACITORS-JFV_18 Datasheet
247Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFV JBCAPACITORS-JFV_16 Datasheet
243Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFZ JBCAPACITORS-JFZ_16 Datasheet
254Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
logo
Suntan Capacitors
TS08 SUNTAN-TS08 Datasheet
324Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com