Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUA6034-T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TUA6034-T
Description  3-Band Digital TV / Set-Top-Box Tuner IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6034-T Datasheet(HTML) 5 Page - Infineon Technologies AG

  TUA6034-T Datasheet HTML 1Page - Infineon Technologies AG TUA6034-T Datasheet HTML 2Page - Infineon Technologies AG TUA6034-T Datasheet HTML 3Page - Infineon Technologies AG TUA6034-T Datasheet HTML 4Page - Infineon Technologies AG TUA6034-T Datasheet HTML 5Page - Infineon Technologies AG TUA6034-T Datasheet HTML 6Page - Infineon Technologies AG TUA6034-T Datasheet HTML 7Page - Infineon Technologies AG TUA6034-T Datasheet HTML 8Page - Infineon Technologies AG TUA6034-T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
div
div
tbf’s replaced, ISDB-T application deleted
Revision History: Current Version:Preliminary Spec. V2.1, August 2002
Data Sheet: Target Spec. V2.0, May 2002
5-6
5-6
Bus output SDA, Low-level output voltage,
I
OL = 6 mA at 400 kHz deleted
Revision History: Current Version:Preliminary Spec. V2.2, December 2002
Data Sheet: Target Spec. V2.1, August 2002
3-2 ff
3-2 ff
Pinning of TUA6034-V changed
Revision History: Current Version: V2.3, February 2003
Data Sheet: Target Spec. V2.2, December 2002
all
all
Mirrored version TUA6036 added
Revision History: Current Version V2.4, March 2003
Data Sheet: Target Spec. V2.3, February 2003
2-10,
4-29,
4-30
2-10,
4-29,
4-30
Frequencies corrected
5-34
5-34
Ambient temperature extended
5-38,
5-39,
5-40
5-38,
5-39,
5-40
Input IP2,Input IIP3, Output voltage causing 1 dB
compression added,
test frequencies changed
Revision History: Current Version: V2.5, April 2004
Data Sheet: Target Spec. V2.4, March 2003
5-35
33
Crystal oscillation frequency added
div.
div.
TUA6034-V in VQFN-48 package
n.a.
28
ISDB-T application added
all
all
New Infineon template (A5 letter page size)
TUA6034, TUA6036
Revision History:
2004-04-28
V 2.5
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
horst.klein@infineon.com


Similar Part No. - TUA6034-T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
More results

Similar Description - TUA6034-T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Skyworks Solutions Inc.
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
   Worldwide Digital Set-Top Box Tuner
August 22, 2021
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
SI2144 SILABS-SI2144 Datasheet
105Kb / 2P
   Worldwide Digital Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
Shanghai Leiditech Elec...
LCDA24C-8 LEIDITECH-LCDA24C-8 Datasheet
223Kb / 3P
   Set-top box and digital TV
SD18C LEIDITECH-SD18C Datasheet
131Kb / 3P
   Set-top box and digital TV
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
   Set-top box and digital TV
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
   Set-top box and digital TV
SD15C LEIDITECH-SD15C Datasheet
132Kb / 3P
   Set-top box and digital TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com