Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5V0F1U2S9 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0F1U2S9
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F1U2S9 Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0F1U2S9 Datasheet HTML 1Page - Diodes Incorporated D5V0F1U2S9 Datasheet HTML 2Page - Diodes Incorporated D5V0F1U2S9 Datasheet HTML 3Page - Diodes Incorporated D5V0F1U2S9 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D5V0F1U2S9
0
t, TIME ( s)
Figure 3 Pulse Waveform
µ
20
40
60
100
50
0
Peak Value Ipp
Half Value I
/2
pp
8x20 Waveform
as defined by R.E.A.
0.01
0.1
1
10
100
1000
300
400
500
600
700
800
900
1000
1100
Figure 4 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
1
10
100
0
1
2
3
4
5
5.5
V , REVERSE VOLTAGE (V)
R
Figure 5 Typical Reverse Characteristics
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0.2
0.25
0.3
0.35
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V , REVERSE VOLTAGE (V)
R
Figure 6 Total Capacitance vs. Reverse Voltage
0.4
0.5
0.6
f = 1MHz
Note 8
0.45
0.55
0.1
0.15
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOD923
(0.3mm Lead Width)
Dim
Min
Max
Typ
A
0.34
0.40
0.37
b
0.25
0.35
0.30
c
0.05
0.15
0.10
D
0.55
0.65
0.60
E
0.75
0.85
0.80
He
0.95
1.05
1.00
L
0.05
0.15
0.10
L2
0.190 REF
a1
a2
All Dimensions in mm
b( 2x)
E
He
D
c
L
a2
L2
A
A
D5V0F1U2S9
Document number: DS37080 Rev. 1 - 2
3 of 4
www.diodes.com
July 2014
© Diodes Incorporated


Similar Part No. - D5V0F1U2S9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F1U2S9Q DIODES-D5V0F1U2S9Q Datasheet
211Kb / 5P
   LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
D5V0F1U2S9Q-7 DIODES-D5V0F1U2S9Q-7 Datasheet
211Kb / 5P
   LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
More results

Similar Description - D5V0F1U2S9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DT2042-01CSP DIODES-DT2042-01CSP Datasheet
273Kb / 5P
   LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
D5V0F1U2LP3Q DIODES-D5V0F1U2LP3Q Datasheet
381Kb / 5P
   LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
D5V0F1U2S9Q DIODES-D5V0F1U2S9Q Datasheet
211Kb / 5P
   LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
DESDALC14V2LP3 DIODES-DESDALC14V2LP3 Datasheet
430Kb / 5P
   LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
October 2014 Rev. 4 - 2
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
   LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC_09 Datasheet
88Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev. 11 - 2 September 2009
DLP05LC DIODES-DLP05LC_1 Datasheet
108Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. 8 - 2
DLP03LC DIODES-DLP03LC Datasheet
112Kb / 5P
   LOW CAPACITANCE UNIDIRECTIONAL TVS
DS31132 Rev. 10 - 3
logo
Pan Jit International I...
PJLPT05 PANJIT-PJLPT05 Datasheet
191Kb / 3P
   LOW CAPACITANCE UNIDIRECTIONAL TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com