Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG49033 Datasheet(PDF) 10 Page - ams AG

Part # TMG49033
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49033 Datasheet(HTML) 10 Page - ams AG

Back Button TMG49033 Datasheet HTML 6Page - ams AG TMG49033 Datasheet HTML 7Page - ams AG TMG49033 Datasheet HTML 8Page - ams AG TMG49033 Datasheet HTML 9Page - ams AG TMG49033 Datasheet HTML 10Page - ams AG TMG49033 Datasheet HTML 11Page - ams AG TMG49033 Datasheet HTML 12Page - ams AG TMG49033 Datasheet HTML 13Page - ams AG TMG49033 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-02] 2015-May-14
TMG4903 − Electrical Characteristics
Figure 11:
Proximity Test Circuit
Figure 12:
Wait Characteristics, VDD = 1.8 V, TA = 25ºC, WEN = 1 (unless otherwise noted)
Figure 13:
IRBeam Operating Characteristics, VDD = 1.8 V, TA = 25ºC (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
Wait step size
2.68
2.78
2.90
ms
Long wait step size
33.3
ms
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t(PBT min)
Minimum bit time
IBEN = 1
0.25
μs
TMG4903
1
3
4
5
VDD
GND
LEDA
LDR
1µF
1µF
22µF
22Ω


Similar Part No. - TMG49033

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TMG49037 OSRAM-TMG49037 Datasheet
1Mb / 79P
   Gesture, Color and Proximity Sensor Module
v1-01 2019-Aug-20
More results

Similar Description - TMG49033

ManufacturerPart #DatasheetDescription
logo
ams AG
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMD4903 AMSCO-TMD4903 Datasheet
1Mb / 86P
   Color and Proximity Sensor Module with mobeam
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
   Imaging-Based Proximity and Gesture Sensor
logo
Analog Devices
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
   Photometric Sensor for Gesture and Proximity
logo
ams AG
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
Vishay Siliconix
TSMP4138 VISHAY-TSMP4138 Datasheet
96Kb / 4P
   IR Sensor Module for Remote Control Systems
Rev. 1.3, 05-Feb-14
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.2, 05-Feb-14
TSMP6000 VISHAY-TSMP6000 Datasheet
609Kb / 24P
   IR Sensor Module for Remote Control Systems
Rev. 1.5, 14-Apr-16
TSMP77000 VISHAY-TSMP77000 Datasheet
258Kb / 10P
   IR Sensor Module for Remote Control Systems
Rev. 1.6, 14-Apr-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com