Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5V0F4U10LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0F4U10LP
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F4U10LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0F4U10LP Datasheet HTML 1Page - Diodes Incorporated D5V0F4U10LP Datasheet HTML 2Page - Diodes Incorporated D5V0F4U10LP Datasheet HTML 3Page - Diodes Incorporated D5V0F4U10LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D5V0F4U10LP
Document number: DS35456 Rev. 3 - 2
3 of 4
www.diodes.com
July 2013
© Diodes Incorporated
D5V0F4U10LP
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
0
t, TIME (µs)
Figure 3 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I
/2
pp
8x20 Waveform
as defined by R.E.A.
0.1
1
10
100
1000
300
500
700
900
1100
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 4 Typical Forward Characteristics
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0.1
1
10
100
01
2
3
4
5
6
Figure 5 Typical Reverse Characteristics
V , REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0.4
0.45
0.5
0.55
0.6
0
0.5
1 1.5
2
2.5
3
3.5 4
4.5
5
5.5
V , REVERSE VOLTAGE (V)
R
Figure 6 Total Capacitance vs. Reverse Voltage
f = 1MHz
Note 8
U-DFN2510-10
Dim
Min
Max
Typ
A
0.545 0.605 0.575
A1
0
0.05
0.03
A3
-
-
0.13
b
0.15
0.25
0.20
b1
035
0.45
0.40
D
2.450 2.575 2.500
e
-
-
0.50
E
0.950 1.075 1.000
L
0.325 0.425 0.375
Z
-
-
0.150
All Dimensions in mm
Z
b 1
R 0 . 0 7 5
D
E
e
b
L
A
A 1
A 3
S e a t i n g P l a n e


Similar Part No. - D5V0F4U10LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F4U10LP37 DIODES-D5V0F4U10LP37 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F4U10LP37B DIODES-D5V0F4U10LP37B Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F4U10LP47 DIODES-D5V0F4U10LP47 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F4U10LP47B DIODES-D5V0F4U10LP47B Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F4U10LP7 DIODES-D5V0F4U10LP7 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
More results

Similar Description - D5V0F4U10LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04TS-7 DIODES-D1213A-04TS-7 Datasheet
147Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4S DIODES-DRTR5V0U4S Datasheet
126Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4SL DIODES-DRTR5V0U4SL Datasheet
194Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1240-04LP DIODES-DT1240-04LP Datasheet
238Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com