Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5V0F6U8LP33 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D5V0F6U8LP33
Description  6 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F6U8LP33 Datasheet(HTML) 4 Page - Diodes Incorporated

  D5V0F6U8LP33 Datasheet HTML 1Page - Diodes Incorporated D5V0F6U8LP33 Datasheet HTML 2Page - Diodes Incorporated D5V0F6U8LP33 Datasheet HTML 3Page - Diodes Incorporated D5V0F6U8LP33 Datasheet HTML 4Page - Diodes Incorporated D5V0F6U8LP33 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D5V0F6U8LP33
Document number: DS36886 Rev. 1 - 2
4 of 5
www.diodes.com
October 2014
© Diodes Incorporated
D5V0F6U8LP33
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Y2
X2
C
C1
X3
Y1
X1
Y
X
X1-DFN3313-8
Dim
Min
Max
Typ
A
0.37
0.43
0.40
A1
0
0.05
0.02
A2
-
-
0.13
b
0.20
0.30
0.25
D
3.25
3.38
3.30
E
1.25
1.38
1.30
e
0.50 BSC
e1
1.25 BSC
L
0.30
0.43
0.38
L1
0.57
0.70
0.65
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
C1
1.250
X
0.350
X1
0.350
X2
2.850
X3
1.600
Y
0.550
Y1
0.850
Y2
1.600
D
e1
La(2x)
L(6x)
A3
A1
Seating Plane
e
b
A
1
8
E


Similar Part No. - D5V0F6U8LP33

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F6U8LP37 DIODES-D5V0F6U8LP37 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F6U8LP37B DIODES-D5V0F6U8LP37B Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
More results

Similar Description - D5V0F6U8LP33

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DT6250-06MR DIODES-DT6250-06MR Datasheet
328Kb / 5P
   6 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
Applied Power Microelec...
AU0506S8 APMICRO-AU0506S8 Datasheet
564Kb / 4P
   6-Line Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ESD0506S8 LEIDITECH-ESD0506S8 Datasheet
386Kb / 4P
   6-Line Low Capacitance TVS Diode Array
logo
Applied Power Microelec...
AR0506PA APMICRO-AR0506PA Datasheet
580Kb / 5P
   6-Line Ultra Low Capacitance TVS Diode Array
logo
Diodes Incorporated
D1213A-02S DIODES-D1213A-02S Datasheet
154Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F2U3LP DIODES-D5V0F2U3LP Datasheet
193Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F2U3LP08 DIODES-D5V0F2U3LP08 Datasheet
214Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SO-7 DIODES-D1213A-02SO-7 Datasheet
146Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com