Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5766MRMTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5766MRMTR
Description  Smart Amp
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5766MRMTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5766MRMTR Datasheet HTML 4Page - Texas Instruments TAS5766MRMTR Datasheet HTML 5Page - Texas Instruments TAS5766MRMTR Datasheet HTML 6Page - Texas Instruments TAS5766MRMTR Datasheet HTML 7Page - Texas Instruments TAS5766MRMTR Datasheet HTML 8Page - Texas Instruments TAS5766MRMTR Datasheet HTML 9Page - Texas Instruments TAS5766MRMTR Datasheet HTML 10Page - Texas Instruments TAS5766MRMTR Datasheet HTML 11Page - Texas Instruments TAS5766MRMTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
TAS5766M, TAS5768M
SLAS965C – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
7.6 AC Electrical Characteristics
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512fS and 24-bit data, VCC =
12V to 24V, RL = 4 Ω unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple at 1 kHz, gain = 20 dB, zero input
KSVR
Power supply ripple rejection
–60
dB
signal
THD+N = 10%, 1 kHz, 24-V supply, 8-
Ω load
30
W
PO
Peak output power
THD+N = 10%, 1 kHz, 24-V supply, 4-
Ω load
50
W
Ra = 100 k
Ω, Rb = open
8
Ra = 20 k
Ω, Rb = 100 kΩ
10
Output switch frequency multiple of FS Gain
Fsw
set to 14 dB
Ra = 39 k
Ω, Rb = 100 kΩ
12
Ra = 47 k
Ω, Rb = 75 kΩ
16
Ra = 51 k
Ω, Rb = 51 kΩ
8
Ra = 75 k
Ω, Rb = 47 kΩ
10
Output switch frequency multiple of FS Gain
Fsw
set to 20 dB
Ra = 100 k
Ω, Rb = 39 kΩ
12
Ra = 100k
Ω, Rb = 20 kΩ
16
1W, 1 kHz, 4R load, 12 V supply
0.05%
THD+N
Total Harmonic Distortion + Noise
1W, 1 kHz, 8R load, 24 V supply
0.05%
20-22 kHz, A-weighted, 14 dB gain, 12 V supply
60
µV
VN
Output integrated noise
20-22 kHz, A-weighted, 20 dB gain, 24 V supply
85
µV
20-22 kHz, A-weighted, 14 dB gain, 12 V supply
103
dB
SNR
Signal to Noise Ratio
20-22 kHz, A-weighted, 20 dB gain, 24 V supply
106
dB
Crosstalk
VO = 1 Vrms, 20 dB gain, 1 kHz, 4-Ω load
–90
dB
IP
Peak output current
1 kHz, 10 ms, 3-
Ω load, 24-V supply
7.5
A
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5766M TAS5768M


Similar Part No. - TAS5766MRMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5766M TI-TAS5766M_15 Datasheet
2Mb / 84P
[Old version datasheet]   TAS576xM 2x50W/4廓 PurePath??Smart Amp
More results

Similar Description - TAS5766MRMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5766M TI-TAS5766M_15 Datasheet
2Mb / 84P
[Old version datasheet]   TAS576xM 2x50W/4廓 PurePath??Smart Amp
logo
Anaren Microwave
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
logo
M.S. Kennedy Corporatio...
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
   10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Texas Instruments
PCM5252 TI1-PCM5252 Datasheet
1Mb / 119P
[Old version datasheet]   Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
logo
M.S. Kennedy Corporatio...
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
OSRAM GmbH
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com