Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5768MDCA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5768MDCA
Description  Smart Amp
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5768MDCA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5768MDCA Datasheet HTML 2Page - Texas Instruments TAS5768MDCA Datasheet HTML 3Page - Texas Instruments TAS5768MDCA Datasheet HTML 4Page - Texas Instruments TAS5768MDCA Datasheet HTML 5Page - Texas Instruments TAS5768MDCA Datasheet HTML 6Page - Texas Instruments TAS5768MDCA Datasheet HTML 7Page - Texas Instruments TAS5768MDCA Datasheet HTML 8Page - Texas Instruments TAS5768MDCA Datasheet HTML 9Page - Texas Instruments TAS5768MDCA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
TAS5766M, TAS5768M
SLAS965C – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage: PVCC, AVCC
–0.3
30
V
VCC
AVDD, DVDD, CPVDD
–0.3
3.9
V
Input Voltage: INPL, INNL, INPR, INNR
–0.3
6.3
V
VI
Input Voltage: GAIN/FSW, FAULT
–0.3
GVDD+0.3
V
Digital Input Voltage: DVDD=3.3V
–0.3
3.9
V
TA
Operating free-air temperature
–40
85
°C
Operating Junction temperature, digital die
–40
125
°C
TJ
Operating Junction temperature, power die
–40
150
°C
Storage temperature, Tstg
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
±2000
001, all pins(2)
Electrostatic
V(ESD)
(1)
V
discharge
Charged device model (CDM), per JEDEC specification
±500
JESD22-C101, all pins(3)
(1)
Electrostatic discharge (ESD) measures device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Vcc
PVCC, AVCC
4.5
26.4
Supply Voltage
V
Vdd
AVDD, DVDD, CPVDD
3
3.3
3.6
VIH
High level input voltage
2
V
VIL
Low level input voltage
0.8
V
VOL
Low level output voltage
FAULT, Rpullup = 100 kΩ, PVCC = 26 V
0.8
V
PVCC = 24 V
3.2
4
PVCC = 18 V
2.5
3
RL
Minimum load impedance
PVCC = 12 V
1.8
2
PVCC = 6 V
0.9
1
PVCC = 24 V
1.8
2.2
PVCC = 18 V
1.4
1.6
PBTL Minimum load
RL_PBTL
impedance
PVCC = 12 V
1.0
1.2
PVCC = 6 V
0.5
0.6
Lo
Output filter inductance
Minimum output filter inductance under short-circuit condition
1
4.7
µH
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5766M TAS5768M


Similar Part No. - TAS5768MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5768MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5766M TI-TAS5766M_15 Datasheet
2Mb / 84P
[Old version datasheet]   TAS576xM 2x50W/4廓 PurePath??Smart Amp
logo
Anaren Microwave
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
logo
M.S. Kennedy Corporatio...
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
   10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Texas Instruments
PCM5252 TI1-PCM5252 Datasheet
1Mb / 119P
[Old version datasheet]   Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
logo
M.S. Kennedy Corporatio...
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
OSRAM GmbH
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com