Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5768MRMTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5768MRMTR
Description  Smart Amp
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5768MRMTR Datasheet(HTML) 5 Page - Texas Instruments

  TAS5768MRMTR Datasheet HTML 1Page - Texas Instruments TAS5768MRMTR Datasheet HTML 2Page - Texas Instruments TAS5768MRMTR Datasheet HTML 3Page - Texas Instruments TAS5768MRMTR Datasheet HTML 4Page - Texas Instruments TAS5768MRMTR Datasheet HTML 5Page - Texas Instruments TAS5768MRMTR Datasheet HTML 6Page - Texas Instruments TAS5768MRMTR Datasheet HTML 7Page - Texas Instruments TAS5768MRMTR Datasheet HTML 8Page - Texas Instruments TAS5768MRMTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
TAS5766M, TAS5768M
www.ti.com
SLAS965C – SEPTEMBER 2013 – REVISED JANUARY 2015
Pin Functions
HTTSOP
VQFN
SYMBOL
TYPE(1)
DESCRIPTION
PIN No.
PIN No.
ADR1
26
45
I
LSB address select bit for I2C
ADR2
20
39
I
2nd LSB address select bit for I2C
AVCC
41
12
PI
Analog Supply – connect to PVCC
AVDD
14
33
PI
Analog Supply
BCLK
23
42
I
Audio data bit clock input
Boot strap negative Left channel output, connect to 220 nF X7R ceramic cap to
BSNL
48
19
BST
OUTNL
Boot strap negative Right channel output, connect to 220 nF X7R ceramic cap to
BSNR
1
20
BST
OUTNR
Boot strap positive Left channel output, connect to 220 nF X7R ceramic cap to
BSPL
44
17
BST
OUTPL
Boot strap positive Right channel output, connect to 220 nF X7R ceramic cap to
BSPR
5
22
BST
OUTPR
CAPM
34
5
Charge pump flying capacitor pin for negative rail
CAPP
32
3
Charge pump flying capacitor pin for positive rail
CPVDD
31
2
PI
Charge pump power supply, 3.3 V
DACL
36
7
O
Analog output from DAC left channel, ground centered
DACR
13
32
O
Analog output from DAC Right channel, ground centered
DIN
24
43
I
Audio data input
DVDD
30
1
PI
Digital power supply, 3. 3 V
FAULT
40
11
OD
General fault reporting, Open Drain, High = normal operation, Low = fault condition
GAIN/FSW
9
28
I
Sets power stage Gain and selects output switching frequency
3, 10, 15,
4, 10, 14, 15,
GND
29, 33, 39,
24, 25, 29, 34,
G
Ground
46
48
GPIO1
18
37
I/O
General purpose digital input and output port
GPIO2
19
38
I/O
General purpose digital input and output port
GPIO3
21
40
I/O
General purpose digital input and output port
GVDD
8
27
PBY
Internal Gate drive supply, connect 1uF to GND
INNL
38
9
I
Negative audio input for Left channel. Internally biased at 3 V
INNR
11
30
I
Negative audio input for Right channel. Internally biased at 3 V
INPL
37
8
I
Positive audio input for Left channel. Internally biased at 3 V
INPR
12
31
I
Positive audio input for Right channel. Internally biased at 3 V
LDOO
28
47
PBY
Internal logic supply rail pin for decoupling, 1.8 V, connect 1 µF to GND
LRCLK
25
44
I
Audio data word clock input
OUTNL
47
18
PO
Negative Left channel output
OUTNR
2
21
PO
Negative Right channel output
OUTPL
45
16
PO
Positive Left channel output
OUTPR
4
23
PO
Positive Right channel output
6, 7, 42,
PVCC
13, 26
PI
4.5-V to 26.4-V Power supply
43
SCL
17
36
I
Input clock for I2C
SCLK
22
41
I
System clock input (also referred to as master clock input)
SDA
16
35
I/O
Input data for I2C
Thermal
49
49
G
Connect Thermal Pad to Ground
pad
VNEG
35
6
PO
Negative charge pump rail pin for decoupling –3.3 V
XSMT/UVP
27
46
I
Soft mute control : Soft mute (Low) / soft un-mute (High)
(1)
TYPE: BST=Boot Strap, PO=Power Output, G = General Ground, I= Input, O= Output, I/O = Input or Output, , PBY=Power Bypass, ,
PI=Power Input,.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS5766M TAS5768M


Similar Part No. - TAS5768MRMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5768MRMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5766M TI-TAS5766M_15 Datasheet
2Mb / 84P
[Old version datasheet]   TAS576xM 2x50W/4廓 PurePath??Smart Amp
logo
Anaren Microwave
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
logo
M.S. Kennedy Corporatio...
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
   10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Texas Instruments
PCM5252 TI1-PCM5252 Datasheet
1Mb / 119P
[Old version datasheet]   Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
logo
M.S. Kennedy Corporatio...
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
   20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
   10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
OSRAM GmbH
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com